์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 15 Page - Rohm

๋ถ€ํ’ˆ๋ช… BM2P121XH-Z
์ƒ์„ธ๋‚ด์šฉ  Non-isolated Type PWM DC/DC Converter IC Built-in Switching MOSFET
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ROHM [Rohm]
ํ™ˆํŽ˜์ด์ง€  http://www.rohm.com
Logo ROHM - Rohm

BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 15 Page - Rohm

Back Button BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 11Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 12Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 13Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 14Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 15Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 16Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 17Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 18Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15/27
BM2P121XH-Z
TSZ02201-0F1F0A200560-1-2
17.Jan.2019 Rev.001
ฉ 2018 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
? 15 ? 001
Absolute Maximum Ratings (Ta = 25 ฐC)
Parameter
Symbol
Rating
Unit
Conditions
Maximum Applied Voltage 1
VMAX1
-0.3 to +650
V
DRAIN pin voltage
Maximum Applied Voltage 2
VMAX2
-0.3 to +32
V
VCC pin voltage
DRAIN Pin Current (Pulse)
IDD
12.00
A
Consecutive operation
Power Dissipation
Pd
1.00
W
(Note 1)
Maximum Junction Temperature
Tjmax
150
ฐC
Storage Temperature Range
Tstg
-55 to +150
ฐC
Caution 1: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Caution 2: Should by any chance the maximum junction temperature rating be exceeded the rise in temperature of the chip may result in deterioration of the
properties of the chip. In case of exceeding this absolute maximum rating, design a PCB with power dissipation taken into consideration by increasing
board size and copper area so as not to exceed the maximum junction temperature rating.
(Note 1)
At mounted on a glass epoxy single layer PCB (70 mm x 70 mm x 1.6 mm). Derate by 8 mW/ฐC if the IC is used in the ambient temperature 25 ฐC or
above.
Thermal Dissipation
Make the thermal design so that the IC operates in the following conditions.
(Because the following temperature is guarantee value, it is necessary to consider such as a margin.)
1. The ambient temperature must be 105 ฐC or less.
2. The
IC?s loss must be the power dissipation Pd or less.
The thermal abatement characteristic is as follows.
(At mounting on a glass epoxy single layer PCB which size is 70 mm x 70 mm x 1.6 mm)
Figure 15. Thermal Abatement Characteristic
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
Ta [บC]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn