์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 23 Page - Rohm

๋ถ€ํ’ˆ๋ช… BM2P121XH-Z
์ƒ์„ธ๋‚ด์šฉ  Non-isolated Type PWM DC/DC Converter IC Built-in Switching MOSFET
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ROHM [Rohm]
ํ™ˆํŽ˜์ด์ง€  http://www.rohm.com
Logo ROHM - Rohm

BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 23 Page - Rohm

Back Button BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 19Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 20Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 21Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 22Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 23Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 24Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 25Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 26Page - Rohm BM2P121XH-Z ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23/27
BM2P121XH-Z
TSZ02201-0F1F0A200560-1-2
17.Jan.2019 Rev.001
ฉ 2018 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
? 15 ? 001
Operational Notes
1.
Reverse Connection of Power Supply
Connecting the power supply in reverse polarity can damage the IC. Take precautions against reverse polarity when
connecting the power supply, such as mounting an external diode between the power supply and the IC
?s power
supply pins.
2.
Power Supply Lines
Design the PCB layout pattern to provide low impedance supply lines. Furthermore, connect a capacitor to ground at
all power supply pins. Consider the effect of temperature and aging on the capacitance value when using electrolytic
capacitors.
3.
Ground Voltage
Ensure that no pins are at a voltage below that of the ground pin at any time, even during transient condition.
4.
Ground Wiring Pattern
When using both small-signal and large-current ground traces, the two ground traces should be routed separately but
connected to a single ground at the reference point of the application board to avoid fluctuations in the small-signal
ground caused by large currents. Also ensure that the ground traces of external components do not cause variations
on the ground voltage. The ground lines must be as short and thick as possible to reduce line impedance.
5.
Recommended Operating Conditions
The function and operation of the IC are guaranteed within the range specified by the recommended operating
conditions. The characteristic values are guaranteed only under the conditions of each item specified by the electrical
characteristics.
6.
Inrush Current
When power is first supplied to the IC, it is possible that the internal logic may be unstable and inrush current may flow
instantaneously due to the internal powering sequence and delays, especially if the IC has more than one power
supply. Therefore, give special consideration to power coupling capacitance, power wiring, width of ground wiring, and
routing of connections.
7.
Testing on Application Boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance output pin may
subject the IC to stress. Always discharge capacitors completely after each process or step. The IC?s power supply
should always be turned off completely before connecting or removing it from the test setup during the inspection
process. To prevent damage from static discharge, ground the IC during assembly and use similar precautions during
transport and storage.
8.
Inter-pin Short and Mounting Errors
Ensure that the direction and position are correct when mounting the IC on the PCB. Incorrect mounting may result in
damaging the IC. Avoid nearby pins being shorted to each other especially to ground, power supply and output pin.
Inter-pin shorts could be due to many reasons such as metal particles, water droplets (in very humid environment) and
unintentional solder bridge deposited in between pins during assembly to name a few.
9.
Unused Input Pins
Input pins of an IC are often connected to the gate of a MOS transistor. The gate has extremely high impedance and
extremely low capacitance. If left unconnected, the electric field from the outside can easily charge it. The small
charge acquired in this way is enough to produce a significant effect on the conduction through the transistor and
cause unexpected operation of the IC. So unless otherwise specified, unused input pins should be connected to the
power supply or ground line.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn