전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM63374S-VA 데이터시트(PDF) 14 Page - Rohm

부품명 BM63374S-VA
상세설명  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM63374S-VA 데이터시트(HTML) 14 Page - Rohm

Back Button BM63374S-VA Datasheet HTML 10Page - Rohm BM63374S-VA Datasheet HTML 11Page - Rohm BM63374S-VA Datasheet HTML 12Page - Rohm BM63374S-VA Datasheet HTML 13Page - Rohm BM63374S-VA Datasheet HTML 14Page - Rohm BM63374S-VA Datasheet HTML 15Page - Rohm BM63374S-VA Datasheet HTML 16Page - Rohm BM63374S-VA Datasheet HTML 17Page - Rohm BM63374S-VA Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14/21
BM63374S-VA
BM63374S-VC
TSQ50501-BM63374S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
8) GND pin
・Two GND pins (9 & 16 pin) are connected inside IPM. Please connect one pin (16 pin is recommended.) to the 15V power
supply GND outside and leave the other open.
・If control GND is connected with power GND by common broad pattern, it may cause malfunction by power GND
fluctuation. It is recommended to connect control GND and power GND at only a point N (near the pin of shunt resistor).
・To prevent malfunction, the wiring of A should be as short as possible.
9) NU, NV, NW pin
・When operating with one-shunt resistor, please short the three pins(NU, NV, NW). In addition, to prevent malfunction, the
wiring of C should be as short as possible.
10) One-shunt Resistor Drive
IPM
GND
NU
NV
NW
NU, NV, NW should be all connected each other at nearest pins.
N
Wiring inductance should be less than 10nH.
(Inductance of a copper pattern with length=17mm, width=3mm is about 10nH.)
Low inductance shunt resistor like surface mounted (SMD) type is recommended.
RC filter
Wiring from GND pin should be connected close
to the pin of shunt resistor.
Wiring from shunt resistor to RC filter should be connected
near the pin of shunt resistor.
Figure 17. Wiring Pattern around the Shunt Resistor when Operating with One-shunt Resistor
Figure 16. Example of VOT External Circuit
Temperature
Signal
Ref
MCU
GND
LVIC
VOT


유사한 부품 번호 - BM63374S-VA

제조업체부품명데이터시트상세설명
logo
Rohm
BM63373S-VA ROHM-BM63373S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63373S-VC ROHM-BM63373S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VC ROHM-BM63375S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63377S-VA ROHM-BM63377S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results

유사한 설명 - BM63374S-VA

제조업체부품명데이터시트상세설명
logo
Rohm
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63573S-VA ROHM-BM63573S-VA Datasheet
1Mb / 23P
   600V IGBT Intelligent Power Module (IPM)
BM63767S-VA ROHM-BM63767S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM64364S-VA ROHM-BM64364S-VA Datasheet
916Kb / 21P
   600V IGBT Intelligent Power Module (IPM)
24.Jun.2016 Rev.003
BM63364S-VA ROHM-BM63364S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63363S-VA ROHM-BM63363S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63377S-VA ROHM-BM63377S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63764S-VA ROHM-BM63764S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63373S-VA ROHM-BM63373S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com