전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM63573S-VA 데이터시트(HTML) 11 Page - Rohm

부품명 BM63573S-VA
상세내용  600V IGBT Intelligent Power Module (IPM)
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM63573S-VA 데이터시트(HTML) 11 Page - Rohm

Back Button BM63573S-VA 데이터시트 HTML 7Page - Rohm BM63573S-VA 데이터시트 HTML 8Page - Rohm BM63573S-VA 데이터시트 HTML 9Page - Rohm BM63573S-VA 데이터시트 HTML 10Page - Rohm BM63573S-VA 데이터시트 HTML 11Page - Rohm BM63573S-VA 데이터시트 HTML 12Page - Rohm BM63573S-VA 데이터시트 HTML 13Page - Rohm BM63573S-VA 데이터시트 HTML 14Page - Rohm BM63573S-VA 데이터시트 HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/20
BM63573S-VA
BM63573S-VC
TSQ50501-BM63573S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
Application Example (one shunt resistor drive)
Figure 14. Example of Application Circuit
15V
VBU
VBV
VBW
HINU
HINV
HINW
HVCC
GND
LINU
LINV
LINW
LVCC
FO
CIN
GND
P
U
V
W
NU
NV
NW
M
Low Side
Gate Driver
(LVIC)
High Side
Gate Driver
(HVIC)
24
23
22
21
20
19
18
+
2
3
4
8
9
15
16
14
10
11
12
13
5
6
7
5V
+
C1 D1 C2
C2
C2
D1
C3
+
+
R2
C5
R1
C4
Shunt
Resistor
N
D
C
A
B
+
17
VOT
Long wiring here might
cause short circuit failure.
Long wiring here might cause SCP level fluctuation
and malfunction.
Bootstrap negative electrodes should be
connected to U, V, W pins directly and
separated from the main output wires.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn