์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 13 Page - Rohm

๋ถ€ํ’ˆ๋ช… BM63573S-VA
์ƒ์„ธ๋‚ด์šฉ  600V IGBT Intelligent Power Module (IPM)
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ROHM [Rohm]
ํ™ˆํŽ˜์ด์ง€  http://www.rohm.com
Logo ROHM - Rohm

BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 13 Page - Rohm

Back Button BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 9Page - Rohm BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 10Page - Rohm BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 11Page - Rohm BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 12Page - Rohm BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 13Page - Rohm BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 14Page - Rohm BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 15Page - Rohm BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 16Page - Rohm BM63573S-VA ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/20
BM63573S-VA
BM63573S-VC
TSQ50501-BM63573S-2
ฉ 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111?15?001
8) GND pin
?Two GND pins (9 & 16 pin) are connected inside IPM. Please connect one pin (16 pin is recommended.) to the 15V power
supply GND outside and leave the other open.
?If control GND is connected with power GND by common broad pattern, it may cause malfunction by power GND
fluctuation. It is recommended to connect control GND and power GND at only a point N (near the pin of shunt resistor).
?To prevent malfunction, the wiring of A should be as short as possible.
9) NU, NV, NW pin
?When operating with one-shunt resistor, please short the three pins(NU, NV, NW). In addition, to prevent malfunction, the
wiring of C should be as short as possible.
10) One-shunt Resistor Drive
IPM
GND
NU
NV
NW
NU, NV, NW should be all connected each other at nearest pins.
N
Wiring inductance should be less than 10nH.
(Inductance of a copper pattern with length=17mm, width=3mm is about 10nH.)
Low inductance shunt resistor like surface mounted (SMD) type is recommended.
RC filter
Wiring from GND pin should be connected close
to the pin of shunt resistor.
Wiring from shunt resistor to RC filter should be connected
near the pin of shunt resistor.
Figure 16. Wiring Pattern around the Shunt Resistor when Operating with One-shunt Resistor
Figure 15. Example of VOT External Circuit
Temperature
Signal
?
?
Ref
MCU
GND
LVIC
VOT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn