전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM63573S-VA 데이터시트(PDF) 14 Page - Rohm

부품명 BM63573S-VA
부품 상세설명  600V IGBT Intelligent Power Module (IPM)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM63573S-VA 데이터시트(HTML) 14 Page - Rohm

Back Button BM63573S-VA Datasheet HTML 10Page - Rohm BM63573S-VA Datasheet HTML 11Page - Rohm BM63573S-VA Datasheet HTML 12Page - Rohm BM63573S-VA Datasheet HTML 13Page - Rohm BM63573S-VA Datasheet HTML 14Page - Rohm BM63573S-VA Datasheet HTML 15Page - Rohm BM63573S-VA Datasheet HTML 16Page - Rohm BM63573S-VA Datasheet HTML 17Page - Rohm BM63573S-VA Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14/20
BM63573S-VA
BM63573S-VC
TSQ50501-BM63573S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
11) Three-shunt Resistors Drive
・It is not recommended to input the voltage of each shunt resistor directly to the CIN pin when IPM is operated with three
shunt resistor. In that case, it is necessary to use the external protection circuit as below.
・It is necessary to set the time constant Ruff(1.0µs is recommended) of external comparator input so that IGBT stops within
2µs when short circuit occurs. Please confirm operation on the actual application since SCP shutdown time changes
depending on the PCB wiring pattern.
・It is recommended for the threshold voltage VREF to be set to the same rating of short circuit trip level(VSC=0.48V(Typ))
・To prevent malfunction, the wiring of A, B, C should be as short as possible.
・OR output high level when protection works should be 0.505V(maximum VSC rating) to 7V(CIN absolute maximum rating).
Figure 17. Wiring Pattern around the Shunt Resistor when operating with Three-shunt Resistors
IPM
GND
NU
NV
NW
N
Wiring inductance should be less than 10nH.
(Inductance of a copper pattern with length=17mm, width=3mm is about 10nH.)
Wiring from GND pin should be connected close
to the pin of shunt resistor.
CIN
VREF
5V
Wiring from shunt resistor to
RC filter should be connected
closet to the pin of shunt
resistor.
External protection circuit
+
-
+
-
+
-
Comparator
(Open collector type)
B
A
C
OR output
Rf
Cf


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn