전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM63573S-VA 데이터시트(PDF) 6 Page - Rohm

부품명 BM63573S-VA
부품 상세설명  600V IGBT Intelligent Power Module (IPM)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM63573S-VA 데이터시트(HTML) 6 Page - Rohm

Back Button BM63573S-VA Datasheet HTML 2Page - Rohm BM63573S-VA Datasheet HTML 3Page - Rohm BM63573S-VA Datasheet HTML 4Page - Rohm BM63573S-VA Datasheet HTML 5Page - Rohm BM63573S-VA Datasheet HTML 6Page - Rohm BM63573S-VA Datasheet HTML 7Page - Rohm BM63573S-VA Datasheet HTML 8Page - Rohm BM63573S-VA Datasheet HTML 9Page - Rohm BM63573S-VA Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/20
BM63573S-VA
BM63573S-VC
TSQ50501-BM63573S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
Control part
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Whole
VCC Circuit Current 1
ICC1
-
1.20
2.40
mA
VIN=0V
VCC Circuit Current 2
ICC2
-
1.40
2.80
mA
VIN=5V
VBS Circuit Current 1
IBS1
-
0.06
0.15
mA
VIN=0V
VBS Circuit Current 2
IBS2
-
0.06
0.15
mA
VIN=5V
Control Input(HINU,HINV,HINW,LINU,LINV,LINW)
H Level Input Current
IINH
0.7
1.0
1.5
mA
VIN=5V
L Level Input Current
IINL
-10
-
-
µA
VIN=0V
H Level Input Threshold Voltage
VINH
-
-
2.6
V
L Level Input Threshold Voltage
VINL
0.8
-
-
V
Input Hysteresis Voltage
VHYS
-
0.25
-
V
HINU-GND Resistance (Note 1)
RHINU
17.5
25
34
k
Ω
HVCC=0V, IHINU=2µA
HINV-GND Resistance (Note 1)
RHINV
70
100
136
k
Ω
HVCC=0V, IHINV=2µA
HINW-GND Resistance (Note 1)
RHINW
70
100
136
k
Ω
HVCC=0V, IHINW=2µA
Short Circuit Current Protection(SCP)
CIN Input Bias Current
ICIN
-2
-
-
µA
CIN=0V
Trip Voltage
VSC
0.455
0.480
0.505
V
Under Voltage Locked Out(UVLO)
VCC Trip Voltage
VCCUVT
10.5
11.5
12.5
V
VCC Release Voltage
VCCUVR
11
12
13
V
VBS Trip Voltage
VBSUVT
10
11
12
V
VBS Release Voltage
VBSUVR
10.5
11.5
12.5
V
Temperature Output(VOT)
VOT Voltage (Note 2)
VOT
2.72
2.77
2.82
V
LVIC temperature = 90°C
0.93
1.13
1.33
V
LVIC temperature = 25°C
Fault Output(FO)
Output low Voltage
VFO
-
-
0.95
V
IFO=1mA
Leak Current
IFOLEAK
-
-
10
µA
VFO=5V
Output Pulse Width (Note 3)
tFOSC
45
-
-
µs
During SCP Operation
tFOUV
90
-
-
µs
During VCC UVLO Operation
(Note 1)
Resistance value when current from the control input pin is flowing through the internal resistor to GND.
(Note 2)
IPM does not shutdown IGBTs and output fault signal automatically when temperature rises excessively. When temperature exceeds the protective
level that user defined, controller (MCU) should stop the IPM.
(Note 3)
FO pulse width for each protection mode is different. FO will continue to output until recovering from the error condition if the time of error condition
exceeds the determined output pulse width depending on the protection mode.
Bootstrap Diode Part
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Forward Voltage
VFB1
0.3
0.6
0.9
V
IFB=1mA
Voltage drop between
HVCC-VBX (X=U,V,W)
VFB2
1.1
2.0
2.9
V
IFB=100mA
Voltage drop between
HVCC-VBX (X=U,V,W)
Reverse Current
IRB
-
-
10
µA
VRB=600V
Reverse Recovery Time
trrB
-
80
-
ns
IFB=0.1A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn