전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM63573S-VA 데이터시트(PDF) 8 Page - Rohm

부품명 BM63573S-VA
부품 상세설명  600V IGBT Intelligent Power Module (IPM)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM63573S-VA 데이터시트(HTML) 8 Page - Rohm

Back Button BM63573S-VA Datasheet HTML 4Page - Rohm BM63573S-VA Datasheet HTML 5Page - Rohm BM63573S-VA Datasheet HTML 6Page - Rohm BM63573S-VA Datasheet HTML 7Page - Rohm BM63573S-VA Datasheet HTML 8Page - Rohm BM63573S-VA Datasheet HTML 9Page - Rohm BM63573S-VA Datasheet HTML 10Page - Rohm BM63573S-VA Datasheet HTML 11Page - Rohm BM63573S-VA Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/20
BM63573S-VA
BM63573S-VC
TSQ50501-BM63573S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
Typical Performance Curve
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
IFO[mA]
Tj=25℃
VCC=15V
0
100
200
300
400
500
0
3
6
9
12
15
VF[V]
Tj=25℃
VCC=15V
0
25
50
75
100
125
150
175
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF[V]
Tj=25℃
VCC=15V
Figure 7. IF vs VF
Characteristic of Bootstrap Diode IF-VF Curve
Between HVCC-VBX pin (X=U,V,W)
Figure 8. Magnification of Figure 7
Figure 9. VFO vs IFO
(Characteristic of FO pin VFO-IFO Curve)
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
60
70
80
90
100
110
120
LVIC Tj[℃]
VCC=15V
Figure 10. VOT vs LVIC Tj
(Characteristic of VOT pin VOT-Tj Curve)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn