전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM81810MUF-M 데이터시트(PDF) 9 Page - Rohm

부품명 BM81810MUF-M
상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 9 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 5Page - Rohm BM81810MUF-M Datasheet HTML 6Page - Rohm BM81810MUF-M Datasheet HTML 7Page - Rohm BM81810MUF-M Datasheet HTML 8Page - Rohm BM81810MUF-M Datasheet HTML 9Page - Rohm BM81810MUF-M Datasheet HTML 10Page - Rohm BM81810MUF-M Datasheet HTML 11Page - Rohm BM81810MUF-M Datasheet HTML 12Page - Rohm BM81810MUF-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
BM81810MUF-M
.
9/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Electrical Characteristics (Unless otherwise specified, Ta=25°C, VIN, VINB=3.3V)
– continued
8. Overall (Entire device)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Inside Regulator Voltage
VREG Output Voltage
VREG
2.15
2.3
2.45
V
Load Stability
ΔV
-
20
100
mV
IVREG=5 mA
Oscillator Block
Oscillating Frequency 1
FOSC1
475
525
575
KHz
Oscillating Frequency 2
FOSC2
950
1050
1150
KHz
Oscillating Frequency 3
FOSC3
1900
2100
2300
KHz
Under Voltage Lock Out (UVLO) Circuit
UVLO release voltage
VUVLO1
2.5
2.55
2.6
V
UVLO detection voltage
VUVLO2
2.0
2.1
2.2
V
Hysteresis
VHYS_UVL
-
0.45
-
V
Reset Circuit Block
Reset Voltage Range
VRST
0.6
*
3.3
V
0.1 V step
Reset Voltage Accuracy
VRST_R1
1.9
2.0
2.1
V
VRST=2.0 V setting
Hysteresis
VHYS_RST
-
0.1
-
V
Reset Delay time Range
T_Delay2
0
-
40
ms
FAULT/ PG / RST Signal Output Block
Output Off Leak Current
IL
-
0
10
µA
Output On Resistance
RON_O
-
1
2
Control Signal Block1 SDA, SCL, WPN
Minimum Output Voltage
VSDA
-
-
0.4
V
ISDA=3 mA
H Level Input Voltage
VIH
1.5
-
-
V
L Level Input Voltage
VIL
-
-
0.6
V
WPN Pull Down Resistance
RWPN
70
100
130
k
Ω
Control Signal Block2 EN
Pull-Down Resistance Value
REN_L
280
400
520
EN=Low
REN_H
420
600
780
EN=High
H Level Input Voltage
VENH
1.5
-
-
V
L Level Input Voltage
VENL
-
-
0.6
V
Overall
Standby Current1
ISTB1
-
2.0
5.0
µA
EN=GND
Standby Current2
ISTB2
-
-
20
µA
EN=GND
(Ta=-40 to +105 °C)
Consumption Current
ICC1
-
2.0
5.0
mA
EN=VIN, No switching
9. EEPROM
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Rewritable cycle
Cyc
100
-
-
Times
TJ<125 °C
Programmable time
Twr
-
-
50
ms
Data hold years
DHY
20
-
-
Years
TJ<125 °C


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트상세설명
logo
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com