전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 14 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 14 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 10Page - Rohm BM81810MUF-M Datasheet HTML 11Page - Rohm BM81810MUF-M Datasheet HTML 12Page - Rohm BM81810MUF-M Datasheet HTML 13Page - Rohm BM81810MUF-M Datasheet HTML 14Page - Rohm BM81810MUF-M Datasheet HTML 15Page - Rohm BM81810MUF-M Datasheet HTML 16Page - Rohm BM81810MUF-M Datasheet HTML 17Page - Rohm BM81810MUF-M Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
BM81810MUF-M
.
14/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Typical Performance Curves - continued
(Unless otherwise specified VIN=3.3V, VDD=2.5V, AVDD=10.5V, VGH=18V, VGL=-6.0V, VCOM=5.25V and Ta=25°C)
Figure 19. Phase margin
(VDD DC/DC mode)
Figure 20. Load Regulation
(VDD DC/DC mode)
Figure 21. Load Transient
(VDD DC/DC mode)
Figure 22. Switching waveform
(VDD DC/DC mode)
VIN=3.3V
VDD=1.8V
2.1MHz
Ta=25℃
Load=200mA
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Load [A]
Ta=105℃
Ta=25℃
Ta=-40℃
Iout
(0.1A/div.)
VDD
(100mV/div.)
100usec/div.
Load
0mA⇔200mA
VDD(AC, 5mV/div.)
SWB(3V/div.)
IL(0.2A/div.)
Iout(0.2A/div.)
2usec/div.


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz