전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 18 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 18 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 14Page - Rohm BM81810MUF-M Datasheet HTML 15Page - Rohm BM81810MUF-M Datasheet HTML 16Page - Rohm BM81810MUF-M Datasheet HTML 17Page - Rohm BM81810MUF-M Datasheet HTML 18Page - Rohm BM81810MUF-M Datasheet HTML 19Page - Rohm BM81810MUF-M Datasheet HTML 20Page - Rohm BM81810MUF-M Datasheet HTML 21Page - Rohm BM81810MUF-M Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
BM81810MUF-M
.
18/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Typical Performance Curves - continued
(Unless otherwise specified VIN=3.3V, VDD=2.5V, AVDD=10.5V, VGH=18V, VGL=-6.0V, VCOM=5.25V and Ta=25°C)
Figure 35. Switching waveform
(AVDD)
Figure 36. Output Current
(VCOM)
Figure 37. DAC INL
(VCOM)
Figure 38. DAC DNL
(VCOM)
AVDD(AC, 20mV/div.)
SW(10V/div.)
IL(0.2A/div.)
Iout(0.2A/div.)
2usec/div.
0
2
4
6
8
10
12
-400 -300 -200 -100
0
100 200 300 400
Load [mA]
AVDD=13V
VCOM=6.5V setting
Ta=105℃
Ta=25℃
Ta=-40℃
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
E4 D0 BC A8 94 80 14 28 3C 50 64
Data [HEX]
AVDD=15V
VCOM=3.5V ~ 11.5V
Ta=25℃
Ta=105℃
Ta=-40℃
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
E4 D0 BC A8 94 80 14 28 3C 50 64
Data [HEX]
AVDD=15V
VCOM=3.5V ~ 11.5V
Ta=105℃
Ta=25℃
Ta=-40℃


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn