전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM81810MUF-M 데이터시트(PDF) 32 Page - Rohm

부품명 BM81810MUF-M
상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 32 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 28Page - Rohm BM81810MUF-M Datasheet HTML 29Page - Rohm BM81810MUF-M Datasheet HTML 30Page - Rohm BM81810MUF-M Datasheet HTML 31Page - Rohm BM81810MUF-M Datasheet HTML 32Page - Rohm BM81810MUF-M Datasheet HTML 33Page - Rohm BM81810MUF-M Datasheet HTML 34Page - Rohm BM81810MUF-M Datasheet HTML 35Page - Rohm BM81810MUF-M Datasheet HTML 36Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
BM81810MUF-M
.
32/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Application Example 3 (using LDSW mode) - continued
Application circuit components list
(Unless otherwise specified VIN=3.3V, VDD=2.5V, AVDD=10.5V, VGH=18V, VGL=-6.0V, VCOM=5.25V and Ta=25°C)
Parts name
Value
Unit
Company
Parts Number
Comment
Min
(Note 1)
Typ
Max
C_VIN
10
10 x 2
-
μF
MURATA
GRT21BC81A106KE01
C_VINB
4.7
10
-
μF
MURATA
GRT21BC81A106KE01
No need @ VDD LDO
mode
C_REG
0.047
0.1
0.47
μF
MURATA
GRT188R71H104KE13
C_LSO
10
10 x 2
-
μF
MURATA
GRT21BC81A106KE01
C_PAVD
5.0
10 x 2
10 x 5
μF
MURATA
GRT31CC81E106KE01
See p.49 in detail.
C_AVD
2.2
4.7
10
μF
MURATA
GRT31CC81E475KE01
See p.49 in detail.
L_SW
-
4.7
-
μH
TDK
LTF5022T-4R7N2R0-H
See p.49 in detail.
D_SW
-
-
-
-
ROHM
(RB060M-30DD)
Please insert D_SW when
improving the efficiency is
necessary.
M_LDSW
-
-
-
-
ROHM
RTR030P02FHA
R_LDSW
-
100
-
ROHM
MCR03
C_LDSW
-
0.47
-
μF
MURATA
GRT21BR71H474KE01
C_GD
-
33
-
nF
MURATA
GRT155R71H333KE01
R_LSGATE
-
100
-
ROHM
MCR03
C_VDD
10
10 x 2
47
μF
MURATA
GRT21BC81A106KE01
L_SWB
-
4.7
-
μH
TDK
LTF5022T-4R7N2R0-H
C_VCOM
-
-
-
μF
MURATA
-
C_VGL
0.47
1.0
4.7
μF
MURATA
GRT21BC81E105KE13
C_DRN
-
0.1
-
μF
MURATA
GRT188R71H104KE13
D_VGL
-
-
ROHM
RB558WFH
C_VGH
0.47
2.2
4.7
μF
MURATA
GRT21BC8YA225KE13
C_CPP1
-
0.1
-
μF
MURATA
GRT188R71H104KE13
C_VCP
-
1.0
-
μF
MURATA
GRT188C81E105KE13
C_CPP2
-
0.1
-
μF
MURATA
GRT188R71H104KE13
R_RE
0.2
2.0
-
ROHM
MCR03
R_NTC1
-
4.7
-
ROHM
MCR03
R_NTC2
-
33
-
ROHM
MCR03
R_NTC3
-
10
-
MURATA
NCU18XH103F6SRB
R_FLT
47
100
200
ROHM
MCR03
R_RST
47
100
200
ROHM
MCR03
(Note 1)
Please set in consideration of temperature properties and DC bias properties not to become less than the minimum.
Please consider it based on enough evaluations with the actual model.


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트상세설명
logo
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com