전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 33 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 33 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 29Page - Rohm BM81810MUF-M Datasheet HTML 30Page - Rohm BM81810MUF-M Datasheet HTML 31Page - Rohm BM81810MUF-M Datasheet HTML 32Page - Rohm BM81810MUF-M Datasheet HTML 33Page - Rohm BM81810MUF-M Datasheet HTML 34Page - Rohm BM81810MUF-M Datasheet HTML 35Page - Rohm BM81810MUF-M Datasheet HTML 36Page - Rohm BM81810MUF-M Datasheet HTML 37Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
BM81810MUF-M
.
33/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Timing Chart3
Start-up Sequence (when operated with LDSW function)
VGL
Soft Start time
5ms (when 18V is set)
AVDD
VGL
VCOM
VGH
load
SW ON
VIN
level
VCOM ⇒
Start up by following to
AVDD voltage
AVDD
level
delay1
(0~300ms)
Soft Start time
5ms (when 10.5V is set)
Soft Start time
5ms (when -6V is set)
AVDD
VIN,
VINB
EN
VREG
VDD
90%
Enable=L⇒H
Vcc UVLO release
Vcc=2.55V
(Inner logic, reset EEPROM)
Discharge
0~5ms
EEROM
Discharge
1ms
(when VDD=1.2V)
VDD
EEPROM Register
Data write-able zone
EEPROM
Auto Read
GSOUT
delay4
(0~40ms)
RST
LDSW
delay2
(0~40ms)
delay3
(0~40ms)
FAULT
PAVDD
Reset monitor is setting VDD.
Figure 68. Start-Up Sequence Diagram (when operated with LDSW Function)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn