전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 37 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 37 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 33Page - Rohm BM81810MUF-M Datasheet HTML 34Page - Rohm BM81810MUF-M Datasheet HTML 35Page - Rohm BM81810MUF-M Datasheet HTML 36Page - Rohm BM81810MUF-M Datasheet HTML 37Page - Rohm BM81810MUF-M Datasheet HTML 38Page - Rohm BM81810MUF-M Datasheet HTML 39Page - Rohm BM81810MUF-M Datasheet HTML 40Page - Rohm BM81810MUF-M Datasheet HTML 41Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
BM81810MUF-M
.
37/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
I2C Timing Diagram
Timing standard values
Parameter
Symbol
NORMAL MODE
FAST MODE
Unit
Min
Typ
Max
Min
Typ
Max
SCL frequency
fSCL
-
-
100
-
-
400
kHz
SCL high time
tHIGH
4.0
-
-
0.6
-
-
μs
SCL low time
tLOW
4.7
-
-
1.2
-
-
μs
Rise Time
tR
-
-
1.0
-
-
0.3
μs
Fall Time
tF
-
-
0.3
-
-
0.3
μs
Start condition hold time
tHD;STA
4.0
-
-
0.6
-
-
μs
Start condition setup time
tSU;STA
4.7
-
-
0.6
-
-
μs
SDA hold time
tHD;DAT
0
-
-
0
-
-
ns
SDA setup time
tSU;DAT
200
-
-
100
-
-
ns
Acknowledge delay time
tPD
-
-
0.9
-
-
0.9
μs
Acknowledge hold time
tDH
-
0.1
-
-
0.1
-
μs
Stop condition setup time
tSU;STO
4.0
-
-
0.6
-
-
μs
Bus release time
tBUF
4.7
-
-
1.2
-
-
μs
Noise spike width
Tl
-
0.1
-
-
0.1
-
μs
tBUF
tHD: STA
tSU; DAT
tR
tLOW
tHIGH
tHD; DAT
tDH
tPD
tF
SCL
SDA
(IN)
SDA
( OUT)
tSU; STA
tHD; STA
tl
tSU; STO
SCL
SDA
S
P
S: START Bit
P: STOP Bit
70%
30%
70%
70%
30%
70%
30%
70%
30%
Figure 74. I2C Timing Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn