전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 39 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 39 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 35Page - Rohm BM81810MUF-M Datasheet HTML 36Page - Rohm BM81810MUF-M Datasheet HTML 37Page - Rohm BM81810MUF-M Datasheet HTML 38Page - Rohm BM81810MUF-M Datasheet HTML 39Page - Rohm BM81810MUF-M Datasheet HTML 40Page - Rohm BM81810MUF-M Datasheet HTML 41Page - Rohm BM81810MUF-M Datasheet HTML 42Page - Rohm BM81810MUF-M Datasheet HTML 43Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
BM81810MUF-M
.
39/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
EEPROM Parameter Setting
When Start-up bit(REG0Ch[7]) is
”1”, below Register cannot be modified.
VGH NTC Enable
REG02h[7]
VCOM NTC Enable
REG05h[7]
VDD mode select
REG06h[6]
Function select
REG08h[7]
VGH mode select
REG0Ch[6]
To change those Register setting, start-up bit(REG0Ch[7]) should be in
”0”.
After changing the register value, set the Start-up bit(REG0Ch[7]) to
“1” again to start up with the changed setting.
Device Address: 1001111x (VCOM)
Register
Address
Bits
Function
Resolution
Comments
-
7
VCOM Calibrator
+/- 0.01V [ VCOM +/- 0.63V]
VCOM Calibrator
■EEPRO M / Main Re giste r Map ( de vic e addre ss : 1 0 0 0 0 0 0 x )
Device Address: 1000000x (PMIC)
Regis ter
Addres s
Bits
Function
Res olution
Com m ents
Δ VGH(COLD) Voltage [6:0]
0.2V [VGH(HOT) + 15V]
VGH NTC Enalbe [7]
0:Dis able, 1:Enable
Δ VCOM(COLD) Voltage [6:0]
10m V [VCOM(HOT) - 0.63V]
VCOM NTC Enalbe [7]
0:Dis able, 1:Enable
VDD Output voltage [5:0]
0.05V [0.9V to 3.4V]
VDD Output voltage s etting
VDD m ode s elect [6]
0 : DC/DC, 1 : LDO
Select VDD operation mode DC/DC or LDO
VDD Phas e [7]
See P.56 page.
s elect VDD Phas e
Res et Voltage [4:0]
0.1V [0.6V to 3.3V]
Res et voltage s etting
Res et m onitor s elect [5]
0:VDD, 1:VIN
Select m onitor pin of res et function
GPM input delay [7:6]
00: 0.1usec, 01: 0.5usec, 10: 1.0usec, 11: 1.5usec
GPM input propagation delay tim e s etting
Dis charge tim e [2:0]
1m s ec [0 to 5m s ec]
Pre-dis charge tim e s etting
Delay1 tim e [6:3]
[0 to 300m s ec]
Load sw itch of AVDD start-up delay time setting
Function Select [7]
0: PG, 1: LDSW
24pin function s elect
Delay2 tim e [2:0]
5m s ec [0 to 30m s ec, 40m s ec]
Res et s tart delay tim e s etting
DoubleReg [3]
0: Dis able, 1: Enable
Double Regis ter Function
Delay3 tim e [6:4]
5m s ec [0 to 30m s ec, 40m s ec]
VGL or VGH s tart-up delay tim e s etting
DataRef [7]
0: Dis able, 1: Enable
Data Refres h Function
Delay4 tim e [2:0]
5m s ec [0 to 30m s ec, 40m s ec]
GPM s tart delay tim e s etting
AR_Tim e [3]
0: 0.5s ec, 1: 1.0s ec
Data Refres h Tim e
Delay5 tim e [6:4]
2m s ec [0 to 10m s ec]
VDD s top delay tim e s etting
VGH Dis charge enable [7]
0: Enable, 1: Dis able
VGH Dis charge function enable
AVDD Coil[1:0]
See p.49 page.
s elect AVDD Coil indactance
AVDD SW Slew Rate [3:2]
See p.48 page.
4s tep s lew rate s etting
(11:fas t → 00:s low)
AVDD SS tim e [5:4]
5m s ec [5m s ec to 20m s ec]
AVDD s ofts tart tim e s etting
AVDD OCP Select [6]
0: 2A, 1: 1A
AVDD OCP m in value s elect
AVDD COMP [7]
See p.49 page.
AVDD phas e com pens ation s etting
AVDD Frequecy [1:0]
00:2.1MHz, 01:1.05MHz, 10:525KHz, 11:525KHz
Seletc AVDD s witching frequency
VDD Frequecy [3:2]
00:2.1MHz, 01:1.05MHz, 10:525KHz, 11:525KHz
Select VDD s witching frequency
VGH / VGL Frequecy [5:4]
AVDD Freqency
( 00: x1, 01: --, 10: --, 11: -- )
Select VGH and VGL s witching
frequency. Choose only "00".
VGH m ode s elect [6]
0: x3 m ode, 1: x2 or x4 m ode
Select VGH charge pum p m ode
s tart-up bit [7]
0:Dis able, 1:Enable
0Bh
8
0Ch
8
08h
8
09h
8
0Ah
8
05h
8
06h
8
07h
8
VGL Output voltage s etting
04h
8
VCOM(HOT) Output voltage
40m V [0.5xAVDD ±4.0V]
VCOM(HOT) Output voltage s etting
0.1V [-14.0V to -4.0V]
02h
8
03h
8
VGL Output voltage
00h
8
AVDD Output voltage
0.1V [5.0V to 17.0V]
AVDD Output voltage s etting
01h
8
VGH(HOT) Output voltage
0.2V [8.0V to 35.0V]
VGH(HOT) Output voltage s etting


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz