전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 40 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 40 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 36Page - Rohm BM81810MUF-M Datasheet HTML 37Page - Rohm BM81810MUF-M Datasheet HTML 38Page - Rohm BM81810MUF-M Datasheet HTML 39Page - Rohm BM81810MUF-M Datasheet HTML 40Page - Rohm BM81810MUF-M Datasheet HTML 41Page - Rohm BM81810MUF-M Datasheet HTML 42Page - Rohm BM81810MUF-M Datasheet HTML 43Page - Rohm BM81810MUF-M Datasheet HTML 44Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
BM81810MUF-M
.
40/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Register Map
Device Address : 1000000x (PMIC)
Register
Address
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
68h
01h
59h
02h
VGH
NTC Enable
83h
03h
3Bh
04h
80h
05h
VCOM
NTC Enable
99h
06h
VDD
Phase Select
VDD
MODE
20h
07h
Reset
Monitor Select
04h
08h
Function
Select
09h
09h
Data Refresh
DoubleReg
13h
0Ah
VGH
Discharge Enable
AR_Time
87h
0Bh
AVDD
COMP
AVDD
OCP Select
3Ch
0Ch
Start-up
Bit
VGH
mode select
05h
0Dh
60h
10h
AVDD UVP
VDD UVP
VGH UVP
VGL UVP
Double
Register Error
AVDD OCP
TSD
Check sum
Error
00h
VDD Output Voltage
AVDD Output Voltage
VGH HOT Output Voltage
⊿VGH COLD Voltage
⊿VCOM COLD Votlage
VCOM HOT Output Voltage
VGL Output Voltage
Delay3 time
Delay2 time
Reset Voltage
Delay1 time
GPM
Input Delay
Discharge time
Check Sum
Delayt5 time
AVDD
Coil Select
AVDD
SW Slew Rate
AVDD
SS Time
Delay4 time
AVDD
Frequency
VDD
Frequency
VGH/VGL
Frequency
Register
Address
D6
D5
D4
D3
D2
D1
D0
P
Default
-
P
80h
VCOM Calibration Voltage
Device Address : 1001111x (VCOM)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn