전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 42 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 42 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 38Page - Rohm BM81810MUF-M Datasheet HTML 39Page - Rohm BM81810MUF-M Datasheet HTML 40Page - Rohm BM81810MUF-M Datasheet HTML 41Page - Rohm BM81810MUF-M Datasheet HTML 42Page - Rohm BM81810MUF-M Datasheet HTML 43Page - Rohm BM81810MUF-M Datasheet HTML 44Page - Rohm BM81810MUF-M Datasheet HTML 45Page - Rohm BM81810MUF-M Datasheet HTML 46Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
BM81810MUF-M
.
42/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Command Table - continued
00h
01h
03h
04h
DATA
(HEX)
AVDD
Output
Voltage
[7:0]
VGH HOT
Output
Voltage
[7:0]
VGH
NTC Enable
[7]
⊿VGH COLD
Voltage
[6:0]
VGL
Output
Voltage
[7:0]
VCOM HOT
Output
Voltage
[7:0]
VCOM
NTC Enable
[7]
⊿VCOM
COLD
Voltage
[6:0]
VDD
Phase
[7]
VDD
MODE
[6]
VDD
Output
Voltage
[5:0]
GPM
Input
Delay
[7:6]
Reset
Monitor
Selecet
[5]
Reset
Voltage
[4:0]
Function
Select
[7]
Delay1
time
[6:3]
Discharge
time
[2:0]
80h
12.9 V
25.8 V
+0.0V
-12.9 V
AVDD/2
-0.00V
0.90 V
0.6 V
0 msec
81h
13.0 V
26.0 V
+0.2V
-13.0 V
AVDD/2 -0.04V
-0.01V
0.95 V
0.7 V
1 msec
82h
13.1 V
26.2 V
+0.4V
-13.1 V
AVDD/2 -0.08V
-0.02V
1.00 V
0.8 V
2 msec
83h
13.2 V
26.4 V
+0.6V
-13.2 V
AVDD/2 -0.12V
-0.03V
1.05 V
0.9 V
3 msec
84h
13.3 V
26.6 V
+0.8V
-13.3 V
AVDD/2 -0.16V
-0.04V
1.10 V
1.0 V
4 msec
85h
13.4 V
26.8 V
+1.0V
-13.4 V
AVDD/2 -0.20V
-0.05V
1.15 V
1.1 V
86h
13.5 V
27.0 V
+1.2V
-13.5 V
AVDD/2 -0.24V
-0.06V
1.20 V
1.2 V
87h
13.6 V
27.2 V
+1.4V
-13.6 V
AVDD/2 -0.28V
-0.07V
1.25 V
1.3 V
88h
13.7 V
27.4 V
+1.6V
-13.7 V
AVDD/2 -0.32V
-0.08V
1.30 V
1.4 V
0 msec
89h
13.8 V
27.6 V
+1.8V
-13.8 V
AVDD/2 -0.36V
-0.09V
1.35 V
1.5 V
1 msec
8Ah
13.9 V
27.8 V
+2.0V
-13.9 V
AVDD/2 -0.40V
-0.10V
1.40 V
1.6 V
2 msec
8Bh
14.0 V
28.0 V
+2.2V
AVDD/2 -0.44V
-0.11V
1.45 V
1.7 V
3 msec
8Ch
14.1 V
28.2 V
+2.4V
AVDD/2 -0.48V
-0.12V
1.50 V
1.8 V
4 msec
8Dh
14.2 V
28.4 V
+2.6V
AVDD/2 -0.52V
-0.13V
1.55 V
1.9 V
8Eh
14.3 V
28.6 V
+2.8V
AVDD/2 -0.56V
-0.14V
1.60 V
2.0 V
8Fh
14.4 V
28.8 V
+3.0V
AVDD/2 -0.60V
-0.15V
1.65 V
2.1 V
90h
14.5 V
29.0 V
+3.2V
AVDD/2 -0.64V
-0.16V
1.70 V
2.2 V
0 msec
91h
14.6 V
29.2 V
+3.4V
AVDD/2 -0.68V
-0.17V
1.75 V
2.3 V
1 msec
92h
14.7 V
29.4 V
+3.6V
AVDD/2 -0.72V
-0.18V
1.80 V
2.4 V
2 msec
93h
14.8 V
29.6 V
+3.8V
AVDD/2 -0.76V
-0.19V
1.85 V
2.5 V
3 msec
94h
14.9 V
29.8 V
+4.0V
AVDD/2 -0.80V
-0.20V
1.90 V
2.6 V
4 msec
95h
15.0 V
30.0 V
+4.2V
AVDD/2 -0.84V
-0.21V
1.95 V
2.7 V
96h
15.1 V
30.2 V
+4.4V
AVDD/2 -0.88V
-0.22V
2.00 V
2.8 V
97h
15.2 V
30.4 V
+4.6V
AVDD/2 -0.92V
-0.23V
2.05 V
2.9 V
98h
15.3 V
30.6 V
+4.8V
AVDD/2 -0.96V
-0.24V
2.10 V
3.0 V
0 msec
99h
15.4 V
30.8 V
+5.0V
AVDD/2 -1.00V
-0.25V
2.15 V
3.1 V
1 msec
9Ah
15.5 V
31.0 V
+5.2V
AVDD/2 -1.04V
-0.26V
2.20 V
3.2 V
2 msec
9Bh
15.6 V
31.2 V
+5.4V
AVDD/2 -1.08V
-0.27V
2.25 V
3 msec
9Ch
15.7 V
31.4 V
+5.6V
AVDD/2 -1.12V
-0.28V
2.30 V
4 msec
9Dh
15.8 V
31.6 V
+5.8V
AVDD/2 -1.16V
-0.29V
2.35 V
9Eh
15.9 V
31.8 V
+6.0V
AVDD/2 -1.20V
-0.30V
2.40 V
9Fh
16.0 V
32.0 V
+6.2V
AVDD/2 -1.24V
-0.31V
2.45 V
A0h
16.1 V
32.2 V
+6.4V
AVDD/2 -1.28V
-0.32V
2.50 V
0.6 V
0 msec
A1h
16.2 V
32.4 V
+6.6V
AVDD/2 -1.32V
-0.33V
2.55 V
0.7 V
1 msec
A2h
16.3 V
32.6 V
+6.8V
AVDD/2 -1.36V
-0.34V
2.60 V
0.8 V
2 msec
A3h
16.4 V
32.8 V
+7.0V
AVDD/2 -1.40V
-0.35V
2.65 V
0.9 V
3 msec
A4h
16.5 V
33.0 V
+7.2V
AVDD/2 -1.44V
-0.36V
2.70 V
1.0 V
4 msec
A5h
16.6 V
33.2 V
+7.4V
AVDD/2 -1.48V
-0.37V
2.75 V
1.1 V
A6h
16.7 V
33.4 V
+7.6V
AVDD/2 -1.52V
-0.38V
2.80 V
1.2 V
A7h
16.8 V
33.6 V
+7.8V
AVDD/2 -1.56V
-0.39V
2.85 V
1.3 V
A8h
16.9 V
33.8 V
+8.0V
AVDD/2 -1.60V
-0.40V
2.90 V
1.4 V
0 msec
A9h
34.0 V
+8.2V
AVDD/2 -1.64V
-0.41V
2.95 V
1.5 V
1 msec
AAh
34.2 V
+8.4V
AVDD/2 -1.68V
-0.42V
3.00 V
1.6 V
2 msec
ABh
34.4 V
+8.6V
AVDD/2 -1.72V
-0.43V
3.05 V
1.7 V
3 msec
ACh
34.6 V
+8.8V
AVDD/2 -1.76V
-0.44V
3.10 V
1.8 V
4 msec
ADh
34.8 V
+9.0V
AVDD/2 -1.80V
-0.45V
3.15 V
1.9 V
AEh
+9.2V
AVDD/2 -1.84V
-0.46V
3.20 V
2.0 V
AFh
+9.4V
AVDD/2 -1.88V
-0.47V
3.25 V
2.1 V
B0h
+9.6V
AVDD/2 -1.92V
-0.48V
3.30 V
2.2 V
0 msec
B1h
+9.8V
AVDD/2 -1.96V
-0.49V
3.35 V
2.3 V
1 msec
B2h
+10.0V
AVDD/2 -2.00V
-0.50V
2.4 V
2 msec
B3h
+10.2V
AVDD/2 -2.04V
-0.51V
2.5 V
3 msec
B4h
+10.4V
AVDD/2 -2.08V
-0.52V
2.6 V
4 msec
B5h
+10.6V
AVDD/2 -2.12V
-0.53V
2.7 V
B6h
+10.8V
AVDD/2 -2.16V
-0.54V
2.8 V
B7h
+11.0V
AVDD/2 -2.20V
-0.55V
2.9 V
B8h
+11.2V
AVDD/2 -2.24V
-0.56V
3.0 V
0 msec
B9h
+11.4V
AVDD/2 -2.28V
-0.57V
3.1 V
1 msec
BAh
+11.6V
AVDD/2 -2.32V
-0.58V
3.2 V
2 msec
BBh
+11.8V
AVDD/2 -2.36V
-0.59V
3 msec
BCh
+12.0V
AVDD/2 -2.40V
-0.60V
4 msec
BDh
+12.2V
AVDD/2 -2.44V
-0.61V
BEh
+12.4V
AVDD/2 -2.48V
-0.62V
BFh
+12.6V
AVDD/2 -2.52V
-0.63V
C0h
+12.8V
AVDD/2 -2.56V
-0.64V
0.90 V
0.6 V
0 msec
C1h
+13.0V
AVDD/2 -2.60V
-0.65V
0.95 V
0.7 V
1 msec
C2h
+13.2V
AVDD/2 -2.64V
-0.66V
1.00 V
0.8 V
2 msec
C3h
+13.4V
AVDD/2 -2.68V
-0.67V
1.05 V
0.9 V
3 msec
C4h
+13.6V
AVDD/2 -2.72V
-0.68V
1.10 V
1.0 V
4 msec
C5h
+13.8V
AVDD/2 -2.76V
-0.69V
1.15 V
1.1 V
C6h
+14.0V
AVDD/2 -2.80V
-0.70V
1.20 V
1.2 V
C7h
+14.2V
AVDD/2 -2.84V
-0.71V
1.25 V
1.3 V
C8h
+14.4V
AVDD/2 -2.88V
-0.72V
1.30 V
1.4 V
0 msec
C9h
+14.6V
AVDD/2 -2.92V
-0.73V
1.35 V
1.5 V
1 msec
CAh
+14.8V
AVDD/2 -2.96V
-0.74V
1.40 V
1.6 V
2 msec
CBh
AVDD/2 -3.00V
-0.75V
1.45 V
1.7 V
3 msec
CCh
AVDD/2 -3.04V
-0.76V
1.50 V
1.8 V
4 msec
CDh
AVDD/2 -3.08V
-0.77V
1.55 V
1.9 V
CEh
AVDD/2 -3.12V
-0.78V
1.60 V
2.0 V
CFh
AVDD/2 -3.16V
-0.79V
1.65 V
2.1 V
D0h
AVDD/2 -3.20V
-0.80V
1.70 V
2.2 V
0 msec
D1h
AVDD/2 -3.24V
-0.81V
1.75 V
2.3 V
1 msec
D2h
AVDD/2 -3.28V
-0.82V
1.80 V
2.4 V
2 msec
D3h
AVDD/2 -3.32V
-0.83V
1.85 V
2.5 V
3 msec
D4h
AVDD/2 -3.36V
-0.84V
1.90 V
2.6 V
4 msec
D5h
AVDD/2 -3.40V
-0.85V
1.95 V
2.7 V
D6h
AVDD/2 -3.44V
-0.86V
2.00 V
2.8 V
D7h
AVDD/2 -3.48V
-0.87V
2.05 V
2.9 V
D8h
AVDD/2 -3.52V
-0.88V
2.10 V
3.0 V
0 msec
D9h
AVDD/2 -3.56V
-0.89V
2.15 V
3.1 V
1 msec
DAh
AVDD/2 -3.60V
-0.90V
2.20 V
3.2 V
2 msec
DBh
AVDD/2 -3.64V
-0.91V
2.25 V
3 msec
DCh
AVDD/2 -3.68V
-0.92V
2.30 V
4 msec
DDh
AVDD/2 -3.72V
-0.93V
2.35 V
DEh
AVDD/2 -3.76V
-0.94V
2.40 V
DFh
AVDD/2 -3.80V
-0.95V
2.45 V
E0h
AVDD/2 -3.84V
-0.96V
2.50 V
0.6 V
0 msec
E1h
AVDD/2 -3.88V
-0.97V
2.55 V
0.7 V
1 msec
E2h
AVDD/2 -3.92V
-0.98V
2.60 V
0.8 V
2 msec
E3h
AVDD/2 -3.96V
-0.99V
2.65 V
0.9 V
3 msec
E4h
AVDD/2 -4.00V
-1.00V
2.70 V
1.0 V
4 msec
E5h
AVDD/2 -4.04V
-1.01V
2.75 V
1.1 V
E6h
AVDD/2 -4.08V
-1.02V
2.80 V
1.2 V
E7h
AVDD/2 -4.12V
-1.03V
2.85 V
1.3 V
E8h
AVDD/2 -4.16V
-1.04V
2.90 V
1.4 V
0 msec
E9h
AVDD/2 -4.20V
-1.05V
2.95 V
1.5 V
1 msec
EAh
AVDD/2 -4.24V
-1.06V
3.00 V
1.6 V
2 msec
EBh
AVDD/2 -4.28V
-1.07V
3.05 V
1.7 V
3 msec
ECh
AVDD/2 -4.32V
-1.08V
3.10 V
1.8 V
4 msec
EDh
AVDD/2 -4.36V
-1.09V
3.15 V
1.9 V
EEh
AVDD/2 -4.40V
-1.10V
3.20 V
2.0 V
EFh
AVDD/2 -4.44V
-1.11V
3.25 V
2.1 V
F0h
AVDD/2 -4.48V
-1.12V
3.30 V
2.2 V
0 msec
F1h
AVDD/2 -4.52V
-1.13V
3.35 V
2.3 V
1 msec
F2h
AVDD/2 -4.56V
-1.14V
2.4 V
2 msec
F3h
AVDD/2 -4.60V
-1.15V
2.5 V
3 msec
F4h
AVDD/2 -4.64V
-1.16V
2.6 V
4 msec
F5h
AVDD/2 -4.68V
-1.17V
2.7 V
F6h
AVDD/2 -4.72V
-1.18V
2.8 V
F7h
AVDD/2 -4.76V
-1.19V
2.9 V
F8h
AVDD/2 -4.80V
-1.20V
3.0 V
0 msec
F9h
AVDD/2 -4.84V
-1.21V
3.1 V
1 msec
FAh
AVDD/2 -4.88V
-1.22V
3.2 V
2 msec
FBh
AVDD/2 -4.92V
-1.23V
3 msec
FCh
AVDD/2 -4.96V
-1.24V
4 msec
FDh
AVDD/2 -5.00V
-1.25V
FEh
AVDD/2 -5.04V
-1.26V
FFh
AVDD/2 -5.08V
-1.27V
Regitser Address
02h
Enable
Enable
VD_Phase_
Set 2
DC/DC
1.0 usec
VDD
Enable
0 msec
05h
06h
07h
08h
5 msec
5 msec
5 msec
-14.0 V
5 msec
10 msec
3.3 V
5 msec
15 msec
5 msec
VIN
20 msec
25 msec
30 msec
17.0 V
5 msec
35.0 V
LDO
1.5 usec
VDD
40 msec
35 msec
3.40 V
5 msec
3.3 V
5 msec
5 msec
60 msec
5 msec
+15.0V
5 msec
80 msec
3.3 V
5 msec
100 msec
5 msec
5 msec
3.40 V
5 msec
300 msec
250 msec
VIN
150 msec
200 msec
3.3 V
5 msec


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz