전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 44 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 44 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 40Page - Rohm BM81810MUF-M Datasheet HTML 41Page - Rohm BM81810MUF-M Datasheet HTML 42Page - Rohm BM81810MUF-M Datasheet HTML 43Page - Rohm BM81810MUF-M Datasheet HTML 44Page - Rohm BM81810MUF-M Datasheet HTML 45Page - Rohm BM81810MUF-M Datasheet HTML 46Page - Rohm BM81810MUF-M Datasheet HTML 47Page - Rohm BM81810MUF-M Datasheet HTML 48Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
BM81810MUF-M
.
44/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Command Table
– continued
0Dh
DATA
(HEX)
DataRef
[7]
Delay3
time
[6:4]
DoubleReg
[3]
Delay2
time
[2:0]
VGH
Discharge
Enable
[7]
Delay5
time
[6:4]
AR_Time
[3]
Delay4
time
[2:0]
AVDD
COMP
[7]
AVDD
OCP
Select
[6]
AVDD
SS
time
[5:4]
AVDD
SW
Slew Rate
[3:2]
AVDD
COIL
[1:0]
Start-up
Bit
[7]
VGH
mode
select
[6]
VGH/VGL
Frequenc
y
[5:4]
VDD
Frequenc
y
[3:2]
AVDD
Frequenc
y
[1:0]
Check
Sum
[7:0]
80h
0 msec
0 msec
AVC_Set1
2.1MHz
2.1MHz
81h
5 msec
5 msec
AVC_Set2
1.05MHz
1.05MHz
82h
10 msec
10 msec
AVC_Set3
83h
15 msec
15 msec
AVC_Set4
84h
20 msec
20 msec
AVC_Set1
2.1MHz
2.1MHz
85h
25 msec
25 msec
AVC_Set2
1.05MHz
1.05MHz
86h
30 msec
30 msec
AVC_Set3
87h
40 msec
40 msec
AVC_Set4
88h
0 msec
0 msec
AVC_Set1
2.1MHz
2.1MHz
89h
5 msec
5 msec
AVC_Set2
1.05MHz
1.05MHz
8Ah
10 msec
10 msec
AVC_Set3
8Bh
15 msec
15 msec
AVC_Set4
8Ch
20 msec
20 msec
AVC_Set1
2.1MHz
2.1MHz
8Dh
25 msec
25 msec
AVC_Set2
1.05MHz
1.05MHz
8Eh
30 msec
30 msec
AVC_Set3
8Fh
40 msec
40 msec
AVC_Set4
90h
0 msec
0 msec
AVC_Set1
1.05MHz
2.1MHz
91h
5 msec
5 msec
AVC_Set2
525KHz
1.05MHz
92h
10 msec
10 msec
AVC_Set3
93h
15 msec
15 msec
AVC_Set4
94h
20 msec
20 msec
AVC_Set1
1.05MHz
2.1MHz
95h
25 msec
25 msec
AVC_Set2
525KHz
1.05MHz
96h
30 msec
30 msec
AVC_Set3
97h
40 msec
40 msec
AVC_Set4
98h
0 msec
0 msec
AVC_Set1
1.05MHz
2.1MHz
99h
5 msec
5 msec
AVC_Set2
525KHz
1.05MHz
9Ah
10 msec
10 msec
AVC_Set3
9Bh
15 msec
15 msec
AVC_Set4
9Ch
20 msec
20 msec
AVC_Set1
1.05MHz
2.1MHz
9Dh
25 msec
25 msec
AVC_Set2
525KHz
1.05MHz
9Eh
30 msec
30 msec
AVC_Set3
9Fh
40 msec
40 msec
AVC_Set4
A0h
0 msec
0 msec
AVC_Set1
525KHz
2.1MHz
A1h
5 msec
5 msec
AVC_Set2
256KHz
1.05MHz
A2h
10 msec
10 msec
AVC_Set3
A3h
15 msec
15 msec
AVC_Set4
A4h
20 msec
20 msec
AVC_Set1
525KHz
2.1MHz
A5h
25 msec
25 msec
AVC_Set2
256KHz
1.05MHz
A6h
30 msec
30 msec
AVC_Set3
A7h
40 msec
40 msec
AVC_Set4
A8h
0 msec
0 msec
AVC_Set1
525KHz
2.1MHz
A9h
5 msec
5 msec
AVC_Set2
256KHz
1.05MHz
AAh
10 msec
10 msec
AVC_Set3
ABh
15 msec
15 msec
AVC_Set4
ACh
20 msec
20 msec
AVC_Set1
525KHz
2.1MHz
ADh
25 msec
25 msec
AVC_Set2
256KHz
1.05MHz
AEh
30 msec
30 msec
AVC_Set3
AFh
40 msec
40 msec
AVC_Set4
B0h
0 msec
0 msec
AVC_Set1
525KHz
2.1MHz
B1h
5 msec
5 msec
AVC_Set2
256KHz
1.05MHz
B2h
10 msec
10 msec
AVC_Set3
B3h
15 msec
15 msec
AVC_Set4
B4h
20 msec
20 msec
AVC_Set1
525KHz
2.1MHz
B5h
25 msec
25 msec
AVC_Set2
256KHz
1.05MHz
B6h
30 msec
30 msec
AVC_Set3
B7h
40 msec
40 msec
AVC_Set4
B8h
0 msec
0 msec
AVC_Set1
525KHz
2.1MHz
B9h
5 msec
5 msec
AVC_Set2
256KHz
1.05MHz
BAh
10 msec
10 msec
AVC_Set3
BBh
15 msec
15 msec
AVC_Set4
BCh
20 msec
20 msec
AVC_Set1
525KHz
2.1MHz
BDh
25 msec
25 msec
AVC_Set2
256KHz
1.05MHz
BEh
30 msec
30 msec
AVC_Set3
BFh
40 msec
40 msec
AVC_Set4
C0h
0 msec
0 msec
AVC_Set1
2.1MHz
2.1MHz
C1h
5 msec
5 msec
AVC_Set2
1.05MHz
1.05MHz
C2h
10 msec
10 msec
AVC_Set3
C3h
15 msec
15 msec
AVC_Set4
C4h
20 msec
20 msec
AVC_Set1
2.1MHz
2.1MHz
C5h
25 msec
25 msec
AVC_Set2
1.05MHz
1.05MHz
C6h
30 msec
30 msec
AVC_Set3
C7h
40 msec
40 msec
AVC_Set4
C8h
0 msec
0 msec
AVC_Set1
2.1MHz
2.1MHz
C9h
5 msec
5 msec
AVC_Set2
1.05MHz
1.05MHz
CAh
10 msec
10 msec
AVC_Set3
CBh
15 msec
15 msec
AVC_Set4
CCh
20 msec
20 msec
AVC_Set1
2.1MHz
2.1MHz
CDh
25 msec
25 msec
AVC_Set2
1.05MHz
1.05MHz
CEh
30 msec
30 msec
AVC_Set3
CFh
40 msec
40 msec
AVC_Set4
D0h
0 msec
0 msec
AVC_Set1
1.05MHz
2.1MHz
D1h
5 msec
5 msec
AVC_Set2
525KHz
1.05MHz
D2h
10 msec
10 msec
AVC_Set3
D3h
15 msec
15 msec
AVC_Set4
D4h
20 msec
20 msec
AVC_Set1
1.05MHz
2.1MHz
D5h
25 msec
25 msec
AVC_Set2
525KHz
1.05MHz
D6h
30 msec
30 msec
AVC_Set3
D7h
40 msec
40 msec
AVC_Set4
D8h
0 msec
0 msec
AVC_Set1
1.05MHz
2.1MHz
D9h
5 msec
5 msec
AVC_Set2
525KHz
1.05MHz
DAh
10 msec
10 msec
AVC_Set3
DBh
15 msec
15 msec
AVC_Set4
DCh
20 msec
20 msec
AVC_Set1
1.05MHz
2.1MHz
DDh
25 msec
25 msec
AVC_Set2
525KHz
1.05MHz
DEh
30 msec
30 msec
AVC_Set3
DFh
40 msec
40 msec
AVC_Set4
E0h
0 msec
0 msec
AVC_Set1
525KHz
2.1MHz
E1h
5 msec
5 msec
AVC_Set2
256KHz
1.05MHz
E2h
10 msec
10 msec
AVC_Set3
E3h
15 msec
15 msec
AVC_Set4
E4h
20 msec
20 msec
AVC_Set1
525KHz
2.1MHz
E5h
25 msec
25 msec
AVC_Set2
256KHz
1.05MHz
E6h
30 msec
30 msec
AVC_Set3
E7h
40 msec
40 msec
AVC_Set4
E8h
0 msec
0 msec
AVC_Set1
525KHz
2.1MHz
E9h
5 msec
5 msec
AVC_Set2
256KHz
1.05MHz
EAh
10 msec
10 msec
AVC_Set3
EBh
15 msec
15 msec
AVC_Set4
ECh
20 msec
20 msec
AVC_Set1
525KHz
2.1MHz
EDh
25 msec
25 msec
AVC_Set2
256KHz
1.05MHz
EEh
30 msec
30 msec
AVC_Set3
EFh
40 msec
40 msec
AVC_Set4
F0h
0 msec
0 msec
AVC_Set1
525KHz
2.1MHz
F1h
5 msec
5 msec
AVC_Set2
256KHz
1.05MHz
F2h
10 msec
10 msec
AVC_Set3
F3h
15 msec
15 msec
AVC_Set4
F4h
20 msec
20 msec
AVC_Set1
525KHz
2.1MHz
F5h
25 msec
25 msec
AVC_Set2
256KHz
1.05MHz
F6h
30 msec
30 msec
AVC_Set3
F7h
40 msec
40 msec
AVC_Set4
F8h
0 msec
0 msec
AVC_Set1
525KHz
2.1MHz
F9h
5 msec
5 msec
AVC_Set2
256KHz
1.05MHz
FAh
10 msec
10 msec
AVC_Set3
FBh
15 msec
15 msec
AVC_Set4
FCh
20 msec
20 msec
AVC_Set1
525KHz
2.1MHz
FDh
25 msec
25 msec
AVC_Set2
256KHz
1.05MHz
FEh
30 msec
30 msec
AVC_Set3
FFh
40 msec
40 msec
AVC_Set4
Regitser Address
0Bh
0Ch
09h
0Ah
5 msec
10 msec
15 msec
20 msec
5 msec
10 msec
15 msec
20 msec
2.1MHz
525KHz
525KHz
Slow1
1.05MHz
525KHz
Slow2
2.1MHz
256KHz
Slow2
Enable
x3 mode
Slow2
525KHz
525KHz
Enable
1.0 sec
Fast1
525KHz
525KHz
AV_COM
P_Set 2
2.0 A
Enable
0 msec
Disable
Disable
0 msec
0.5 sec
15 msec
Disable
525KHz
Slow1
1.05MHz
256KHz
525KHz
Fast2
525KHz
525KHz
5 msec
Disable
2 msec
0.5 sec
6 msec
0.5 sec
525KHz
Fast2
256KHz
525KHz
Enable
1.0 sec
Fast1
525KHz
256KHz
2.1MHz
128KHz
525KHz
Slow1
1.05MHz
128KHz
525KHz
10 msec
Disable
4 msec
0.5 sec
Enable
1.0 sec
128KHz
Fast1
525KHz
128KHz
525KHz
Fast2
128KHz
525KHz
525KHz
20 msec
525KHz
Enable
1.0 sec
Fast1
525KHz
128KHz
525KHz
Slow2
2.1MHz
128KHz
525KHz
Slow1
1.05MHz
Slow2
Slow2
Fast1
Fast2
128KHz
525KHz
525KHz
Enable
1.0 sec
Fast1
525KHz
525KHz
x2 mode
2.1MHz
525KHz
525KHz
Slow1
1.05MHz
525KHz
Slow2
2.1MHz
256KHz
Disable
8 msec
0.5 sec
1.0 A
525KHz
Slow1
1.05MHz
256KHz
525KHz
Fast2
525KHz
525KHz
25 msec
Disable
10 msec
0.5 sec
525KHz
Fast2
256KHz
525KHz
Enable
1.0 sec
Fast1
525KHz
256KHz
525KHz
128KHz
525KHz
Fast2
128KHz
525KHz
2.1MHz
128KHz
525KHz
Slow1
1.05MHz
128KHz
525KHz
30 msec
Disable
0.5 sec
Enable
1.0 sec
128KHz
525KHz
Slow1
1.05MHz
128KHz
525KHz
40 msec
Disable
0.5 sec
Slow2
Enable
1.0 sec
Fast1
525KHz
128KHz
525KHz
Fast2
128KHz
525KHz
2.1MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn