전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM81810MUF-M 데이터시트(PDF) 48 Page - Rohm

부품명 BM81810MUF-M
상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 48 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 44Page - Rohm BM81810MUF-M Datasheet HTML 45Page - Rohm BM81810MUF-M Datasheet HTML 46Page - Rohm BM81810MUF-M Datasheet HTML 47Page - Rohm BM81810MUF-M Datasheet HTML 48Page - Rohm BM81810MUF-M Datasheet HTML 49Page - Rohm BM81810MUF-M Datasheet HTML 50Page - Rohm BM81810MUF-M Datasheet HTML 51Page - Rohm BM81810MUF-M Datasheet HTML 52Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
BM81810MUF-M
.
48/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
<00>
<01>
<10>
<11>
<00>
<01>
<10>
<11>
AVDD Block Function
ERRAMP
PWM
DAC
REGISTER
LOAD SWITCH
DRIVER
VIN
VLSO
PAVDD
PGND
SW
DISCHARGE
AVDD Block (Boost DC / DC) can set the following functions by EEPROM.
1.
AVDD Voltage (Register Address 00h [7:0])
AVDD voltage can be set in 0.1V step from 5.0V to 17.0V.
2.
SW Switching Frequency (Register Address 0Ch [1:0])
The switching frequency can be set at 525KHz, 1.05MHz or 2.1MHz.
3.
Soft Start Time (Register Address 0Bh [5:4])
Soft Start Time of AVDD can be set in 5ms step from 5ms to 20ms.
4.
SW Switching Slew Rate (Register Address 0Bh [3:2])
SW pin switching Slew Rate can be controlled by the register setting.
11
’b is the fastest slew rate setting, 00’b is the slowest slew rate setting.
The slew rate by each setting is as follows.
Slew Rate changes by the external part and load electric current conditions such as a coil or the diode, but adjustment
is possible on a true set condition because Slew Rate changes by Slew Rate setting change like Figure.79.
The EMI properties are improved by slowing a slew rate, but please do enough evaluations after a slew rate change
because efficiency becomes the tendency to decrease.
Figure 78. AVDD Block Diagram
Figure 79. AVDD Switching Slew Rate
(VIN=3.3V, AVDD=10.5V, Freq=2.1MHz, L=4.7
μH, IAVDD=100mA)
<xx>:AVDD Slew Rate setting


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트상세설명
logo
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com