전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 49 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 49 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 45Page - Rohm BM81810MUF-M Datasheet HTML 46Page - Rohm BM81810MUF-M Datasheet HTML 47Page - Rohm BM81810MUF-M Datasheet HTML 48Page - Rohm BM81810MUF-M Datasheet HTML 49Page - Rohm BM81810MUF-M Datasheet HTML 50Page - Rohm BM81810MUF-M Datasheet HTML 51Page - Rohm BM81810MUF-M Datasheet HTML 52Page - Rohm BM81810MUF-M Datasheet HTML 53Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
BM81810MUF-M
.
49/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
40
45
50
55
60
65
70
75
80
85
90
0
50
100
150
200
250
Load [mA]
AVDD Efficiency
<00>
<01>
<10>
<11>
AVDD Block Function - continued
5.
OCP Detect Level (Register Address 0Bh [6])
SW pin Over Current Protection detection level can be set at 1.0A(Min) or 2.0A(Min).
6.
COMP Adjust (Register Address 0B [7])
Phase Margin can be adjusted.
0
’b: AV_COMP_SET1
1
’b: AV_COMP_SET2
7.
COIL Adjust (Register Address 0Bh [1:0])
You can adjust the settings to match the coil constant to be used.
00
’b:AV_COIL_SET1
01
’b:AV_COIL_SET2
10
’b:AV_COIL_SET3
11
’b:AV_COIL_SET4
Please set the setting of COIL Adjust by frequency setting (fs) and a coil to use.
fOSC[kHz]
Coil[μH]
Coil Adjust
0Bh[1:0]
Comp Adjust
0Bh[7]
525
4.7
00'b
0'b
525
10
11'b
0'b
1050
4.7
00'b
0'b
1050
10
11'b
0'b
2100
4.7
00'b
0'b
2100
10
11'b
0'b
*Please become more than 10
μF/25V product (GRT31CC81E106KE01) x3 with AVDD output capacitor at the time of the use
with a coil of 10μH.
In addition, COMP Adjust coordinates phase constant of the ERRAMP output and is effective to shift to the zero point 25% low
frequency side to produce by the ERRAMP output by making Comp Adjust 1'b and is effective in reducing ringing at the time of
the load response by the responsiveness adjustment with the actual machine.
Figure 80. AVDD Efficiency
(dependent on Slew Rate)
(VIN=3.3V, AVDD=10.5V, Freq=2.1MHz, L=4.7
μH, IAVDD=100mA)
<xx>:AVDD Slew Rate setting


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz