전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 50 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 50 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 46Page - Rohm BM81810MUF-M Datasheet HTML 47Page - Rohm BM81810MUF-M Datasheet HTML 48Page - Rohm BM81810MUF-M Datasheet HTML 49Page - Rohm BM81810MUF-M Datasheet HTML 50Page - Rohm BM81810MUF-M Datasheet HTML 51Page - Rohm BM81810MUF-M Datasheet HTML 52Page - Rohm BM81810MUF-M Datasheet HTML 53Page - Rohm BM81810MUF-M Datasheet HTML 54Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
BM81810MUF-M
.
50/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
AVDD Block Function – continued
About the phase characteristic, please consider it based on enough evaluations with the actual model.
(1) Setting the Output L Constant (Boost Converter)
The coil to use for output is decided by the rating current ILR and input current maximum value IINMAX of the coil.
Adjust so that IINMAX
+∆IL does not reach the rating current value ILR. ∆IL can be obtained by the following equation.
∆IL=
1
VIN
AVDD - VIN
1
L
AVDD
f
Set with sufficient margin because the coil value may have the dispersion of
30%. If the coil current exceeds the
rating current ILR of the coil, it may damage the IC internal element.
BM81810MUF-M uses the current mode DC/DC converter control and has the optimized design at the coil value. A coil
inductance (L) of 4.7
μH to 10 μH is recommended from viewpoints of electric power efficiency, response, and stability.
(2) Output Capacity Settings
For the capacitor to use for the output, select the capacitor which has the larger value in the ripple voltage VPP
allowance value and the drop voltage allowance value at the time of sudden load change. Output ripple voltage is
decided by the following equation.
Perform setting so that the voltage is within the allowable ripple voltage range.
For the drop voltage during sudden load change; VDR, please perform the rough calculation by the following equation.
VDR =
∆I
 10 μs
[V]
Co
However, 10
μs is the rough calculation value of the DC/DC response speed. Please set the capacitance considering
the sufficient margin so that these two values are within the standard value range.
(3) Selecting the Input Capacitor
Since the peak current flows between the input and output at the DC/DC converter, a capacitor is required to install at
the input side. For the reason, the low ESR capacitor is recommended as an input capacitor which has the value more
than 10
μF and less than 100 mΩ. If a capacitor out of this range is selected, the excessive ripple voltage is
superposed on the input voltage, accordingly it may cause the malfunction of IC.
However these conditions may vary according to the load current, input voltage, output voltage, inductance and
switching frequency. Be sure to perform the margin check using the actual product.
∆VPP
=
ILMAX
 RESR +
1
VIN
(ILMAX -
∆IL
)
fCo
AVDD
2
IL
ILR
L
VIN
IL
AVDD
Co
IINMAX
average current
Figure 81. Coil Current Waveform
Figure 82. Output Application Circuit Diagram
[A]
Here, f is the switching frequency.
Here, f is the switching frequency
and RESR is ESR of output capacitor.
[V]
IINMAX + 1/2 x ΔIL should not reach
the rating value level


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz