전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 6 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 6 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 2Page - Rohm BM81810MUF-M Datasheet HTML 3Page - Rohm BM81810MUF-M Datasheet HTML 4Page - Rohm BM81810MUF-M Datasheet HTML 5Page - Rohm BM81810MUF-M Datasheet HTML 6Page - Rohm BM81810MUF-M Datasheet HTML 7Page - Rohm BM81810MUF-M Datasheet HTML 8Page - Rohm BM81810MUF-M Datasheet HTML 9Page - Rohm BM81810MUF-M Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
BM81810MUF-M
.
6/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Electrical Characteristics (Unless otherwise specified, Ta=25°C, VIN, VINB=3.3V)
1. VDD regulator block (Alternative Buck converter or LDO)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Output Voltage Range
VDD
0.9
-
3.4
V
50 mV step
Output Voltage Accuracy 1
VDD_R1
2.462
2.5
2.538
V
VDD=2.5 V setting
Output Voltage Accuracy 2
VDD_R2
-2.0
-
+2.0
%
VDD=2.5 V to 3.4 V setting
(Ta=-40 to +105 °C)
Output Voltage Accuracy 3
VDD_R3
-3.0
-
+3.0
%
VDD=0.9
V
to
2.45
V
setting
(Ta=-40 to +105 °C)
Soft Start time
VDD_SS
0.85
1
1.15
ms
VDD=1.2 V setting
Under-Voltage Protection voltage
VDD_UVP
VDD×0.7
VDD×0.8
VDD×0.9
V
SWB H Side ON Resistance
RONH_SWB
-
300
480
DCDC mode
SWB L Side ON Resistance
RONL_SWB
-
300
480
DCDC mode
SWB H Side ON Resistance
RON_SWB
-
1.0
2.0
Ω
LDO mode
SWB H Side Leak Current
IL_ SWBH
-
0
20
µA
(Ta=-40 to +105 °C)
SWB L Side Leak Current
IL_ SWBL
-
0
20
µA
(Ta=-40 to +105 °C)
Current Limit
ILMT_SWB1
1.0
1.7
2.7
A
Buck DCDC mode
Current Limit
ILMT_SWB2
0.3
0.5
0.7
A
LDO mode
Maximum Duty
DMAX_SWB
87
95
-
%
Freq=1.05 MHz
(Freq=0.525 MHz:98%typ)
(Freq=2.10 MHz:87%typ)
Discharge Resistance
DISR_VDD
-
25
50
Ω
2. Boost DC/DC converter block (AVDD)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Output Voltage Range
AVDD
5.0
-
17.0
V
0.1 V step
Output Voltage Accuracy1
AVDD_R1
10.342
10.5
10.66
V
AVDD=10.5 V setting
Output Voltage Accuracy2
AVDD_R2
10.29
10.5
10.71
V
AVDD=10.5 V setting
(Ta=-40 to +105 °C)
Load Switch Soft Start time
LS_SS
1.7
2
2.3
ms
Soft Start Time
AVDD_SS
4.25
5
5.75
ms
AVDD=10.5 V setting
5 ms setting
Under-Voltage Protection voltage
AVDD_UVP
AVDD×0.7
AVDD×0.8
AVDD×0.9
V
Over-Voltage Protection voltage
AVDD_OVP
AVDD×1.03
AVDDx1.1
AVDD×1.2
V
SW H Side On Resistance
RON_SW
-
250
480
SW L Side On Resistance
RON_SW
-
200
350
SW H Side Leak Current
IL_SWH
-
0
20
µA
(Ta=-40 to +105 °C)
SW L Side Leak Current
IL_SWL
-
0
20
µA
(Ta=-40 to +105 °C)
Current Limit
ILMT_SW
2.0
4.0
6.0
A
AVDD OCP=2 A setting
Current Limit
ILMT_SW
1.0
2.0
2.5
A
AVDD OCP=1 A setting
Load Switch ON Resistance
RON_LS
-
200
350
Maximum Duty
DMAX_SW
83
90
-
%
Freq=1.05 MHz
(Freq=0.525 MHz:95%typ)
(Freq=2.10 MHz:80%typ)
Discharge Resistance
DISR_AVDD
-
25
50
Ω


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz