전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 60 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 60 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 56Page - Rohm BM81810MUF-M Datasheet HTML 57Page - Rohm BM81810MUF-M Datasheet HTML 58Page - Rohm BM81810MUF-M Datasheet HTML 59Page - Rohm BM81810MUF-M Datasheet HTML 60Page - Rohm BM81810MUF-M Datasheet HTML 61Page - Rohm BM81810MUF-M Datasheet HTML 62Page - Rohm BM81810MUF-M Datasheet HTML 63Page - Rohm BM81810MUF-M Datasheet HTML 64Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
BM81810MUF-M
.
60/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
PG/LDSW Block Function
PG/LDSW Block can switch PG (Power Good) and LDSW (Load Switch) function by EEPROM.
Case of PG Function,
When GPM Block becomes workable, PG pin will change from High to Low to recognize as all boost sequence is completed.
Case of LDSW Function,
This function is used when VGL voltage output is prior to AVDD voltage output.
With below application construction,
”Timing Chart 3” sequence can be realized.
LDSW on delay can be set by the formula below.
LDSW off delay can be set by the formula below.
where:
AVDD is AVDD setting voltage.
Vth is M_LDSW gate threshold voltage
When using the LDSW function, set the delay3 time to be longer than or equal to the sum of the maximum value including the
variation of the load switch ON delay time and VGL soft start time. If the delay3 time setting is short, UVP is applied at startup.
Figure 98. PG/LDSW Block Diagram
Figure 99. LDSW Function
Figure 100. LDSW Delay Time
PG/LDSW
SEQUENCE
LOGIC
VGL
PG/LDSW
M_LDSW
Gate
Voltage
AVDD
LSW ON Delay
PAVDD
EN
PG/LDSW
M_LDSW
Gate
Voltage
AVDD
LDSW OFF
Delay
PG/LDSW
SEQUENCE
LOGIC
PAVDD
AVDD
R_LSGATE
R_LDSW
C_LDSW
M_LDSW
C_GD


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz