전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 61 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 61 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 57Page - Rohm BM81810MUF-M Datasheet HTML 58Page - Rohm BM81810MUF-M Datasheet HTML 59Page - Rohm BM81810MUF-M Datasheet HTML 60Page - Rohm BM81810MUF-M Datasheet HTML 61Page - Rohm BM81810MUF-M Datasheet HTML 62Page - Rohm BM81810MUF-M Datasheet HTML 63Page - Rohm BM81810MUF-M Datasheet HTML 64Page - Rohm BM81810MUF-M Datasheet HTML 65Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
BM81810MUF-M
.
61/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
NTC Block Function
NTC Block is the function to adjust VGH, VCOM voltage depending on NTC pin voltage.
NTC pin will output 40
μA (Typ) current.
Connecting thermistor element can perform temperature adjustment function.
Below functions can be set by EEPROM.
1.
VGH NTC Enable (Register Address 02h [7])
VGH Block NTC Function can be changed to Enable or Disable.
2.
VCOM NTC Enable (Register Address 05h [7])
VCOM Block NTC Function can be changed to Enable or Disable.
Pin connection when NTC is not used.
When NTC function is not used, connect NTC pin to OPEN.
EN Block Function
When inserting resistor to EN terminal, EN threshold voltage is decided by resistance division with internal resistor.
Threshold Voltage calculation;
EN threshold voltage high typical ( VENH ) = 0.9/300x (400+Rup) [V]
EN threshold voltage low typical ( VENL )
= 0.9/500x (600+Rup) [V]
The EN threshold voltage including unevenness is as follows;
Figure 101. NTC Block Diagram
Figure 102. EN Block Diagram
NTC
Θ
LOGIC
ADC
4bit
VGH
VCOM
REGISTER
DAC
REGISTER
DAC
-
+
VREF
(0.9V)
100KΩ
300KΩ
200KΩ
Rup
VEN
EN


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz