전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(HTML) 62 Page - Rohm

부품명 BM81810MUF-M
상세내용  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 62 Page - Rohm

Back Button BM81810MUF-M 데이터시트 HTML 58Page - Rohm BM81810MUF-M 데이터시트 HTML 59Page - Rohm BM81810MUF-M 데이터시트 HTML 60Page - Rohm BM81810MUF-M 데이터시트 HTML 61Page - Rohm BM81810MUF-M 데이터시트 HTML 62Page - Rohm BM81810MUF-M 데이터시트 HTML 63Page - Rohm BM81810MUF-M 데이터시트 HTML 64Page - Rohm BM81810MUF-M 데이터시트 HTML 65Page - Rohm BM81810MUF-M 데이터시트 HTML 66Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
BM81810MUF-M
.
62/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
VGH and VCOM temperature compensation
VCOM + VCOM
(CAL) (COLD)
VCOM
(CAL)
Ta[℃]
VGH
(HOT)
VGH + VGH
(HOT) (COLD)
Fh
Eh
Dh
Ch
Bh
Ah
9h
8h
7h
6h
5h
4h
3h
2h
1h
0h
Ta[℃]
Fh
Eh
Dh
Ch
Bh
Ah
9h
8h
7h
6h
5h
4h
3h
2h
1h
0h
Ta[℃]
VGH[V]
NTC[V]
VCOM[V]
1.25V
0.5V
NTC Function can adjust VGH, VCOM voltage depending on NTC voltage (VNTC).
4 bit ADC is used to detect NTC voltage.
When NTC pin voltage VNTC
≤ 0.5V, NTC function will judge as HOT setting.
In this case, VGH and VCOM output voltage can be calculated by below formula.
VGH = VGH (HOT)
VCOM = VCOM (CAL)
When NTC pin voltage VNTC
≥ 1.25V, NTC function will judge as COLD setting.
VGH = VGH (HOT) +
ΔVGH (COLD)
VCOM = VCOM (CAL)
– ΔVCOM (COLD)
When NTC pin voltage is 0.5V < VNTC < 1.25V, VGH and VCOM can be estimated by below formula.
Figure 103. NTC Function


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn