전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 65 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 65 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 61Page - Rohm BM81810MUF-M Datasheet HTML 62Page - Rohm BM81810MUF-M Datasheet HTML 63Page - Rohm BM81810MUF-M Datasheet HTML 64Page - Rohm BM81810MUF-M Datasheet HTML 65Page - Rohm BM81810MUF-M Datasheet HTML 66Page - Rohm BM81810MUF-M Datasheet HTML 67Page - Rohm BM81810MUF-M Datasheet HTML 68Page - Rohm BM81810MUF-M Datasheet HTML 69Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
BM81810MUF-M
.
65/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Double Register
BM81810MUF-M can perform various setting by Register.
If these settings are changed without intension, to avoid application abnormal operation, certain specific Register has error
detection function.
Below shows the Register with anomaly detection function.
Double Register correspond BIT
Data Refresh
Data Refresh is the Function to read Data from EEPROM periodically.
If Register setting is suddenly changed without intension, Data Refresh function can read Data from EEPROM to recover to the
normal Data.
Data Refresh performs at certain cycle period.
The time of period can be set by Register at 0.5s or 1.0s.
In the case of WPN=Low, Double Register Function and Data Refresh Function can be set by Register as Enable or Disable.
Below table shows the function by each combination.
In the case of WPN=High, Double Register Function and Data Refresh Function are Disable.
Enable
(First shutdown once logic abnormality detects.
After Fault to be low for 1msec, then re-start)
Disable
(Keep working even logic abnormality happens)
Enable
(Perform Data Refresh once logic abnormality detects)
Disable
(Keep working even logic abnormality happens)
Enable
(Data Refresh at set period)
Enable
(Data Refresh at set period)
WPN
Data Refresh Operation
Double Register Check
Low
0 : Disable
0 : Disable
Disable
Data
Refresh
Double
Register
Disable
(Keep working even logic abnormality happens)
High
-
-
Disable
1 : Enable
Disable
Low
1 : Enable
0 : Disable
Low
1 : Enable
1 : Enable
Low
0 : Disable
Register
Address
D7
D6
D5
D4
D3
D2
D1
D0
00h
01h
02h
VGH
NTC Enable
03h
04h
05h
VCOM
NTC Enable
06h
VDD
Phase
VDD
MODE
07h
Reset
Monitor Select
08h
Function
Select
09h
Data Refresh
DoubleReg
0Ah
VGH
Discharge Enable
AR_Time
0Bh
AVDD
COMP
AVDD
OCP Select
0Ch
Start-up
Bit
VGH
mode select
0Dh
10h
AVDD UVP
VDD UVP
VGH UVP
VGL UVP
Double Register
Error
AVDD OCP
TSD
Check sum
Error
AVDD Output Voltage
VGH HOT Output Voltage
⊿VGH COLD Voltage
VGL Output Voltage
VCOM HOT Output Voltage
VCOM COLD Votlage
Delay3 time
Delay2 time
VDD Output Voltage
GPM
Input Delay
Reset Voltage
Delay1 time
Discharge time
Check Sum
Delayt5 time
AVDD
SS Time
AVDD
SW Slew Rate
AVDD
COIL
VGH/VGL
Frequency
VDD
Frequency
AVDD
Frequency
Delay4 time


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz