전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BM81810MUF-M 데이터시트(PDF) 7 Page - Rohm

부품명 BM81810MUF-M
부품 상세설명  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M 데이터시트(HTML) 7 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 3Page - Rohm BM81810MUF-M Datasheet HTML 4Page - Rohm BM81810MUF-M Datasheet HTML 5Page - Rohm BM81810MUF-M Datasheet HTML 6Page - Rohm BM81810MUF-M Datasheet HTML 7Page - Rohm BM81810MUF-M Datasheet HTML 8Page - Rohm BM81810MUF-M Datasheet HTML 9Page - Rohm BM81810MUF-M Datasheet HTML 10Page - Rohm BM81810MUF-M Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
BM81810MUF-M
.
7/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Electrical Characteristics (Unless otherwise specified, Ta=25°C, VIN, VINB=3.3V)
– continued
3. VCOM amplifier block (VCOM)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Output Voltage Range1
VCOM_HOT
0.5x
AVDD
- 4.0
0.5x
AVDD
0.5x
AVDD
+ 4.0
V
40 mV step
Output Voltage Range2
VCOM_COLD
VCOM
HOT
- 0.63
-
VCOM
HOT
V
10 mV step
Output Voltage Range3
VCOM_CAL
VCOM
HOT
- 0.63
VCOM
HOT
VCOM
HOT
+0.63V
V
10 mV step
Output Voltage Range4
VCOM_RNG
0.2xAVDD
-
0.7x AVDD
V
Calibration Resolution
RES_CAL
-
7
-
Bit
Integral Non-Linearity Error
(INL)
INL_CAL
-1
-
+1
LSB
Differential Non-Linearity Error
(DNL)
DNLCAL
-1
-
+1
LSB
Output Current Ability
(Source)
ISOURCE
-
200
-
mA
Output Current Ability (Sink)
ISINK
-
200
-
mA
Load Stability
VLOAD
-
10
70
mV
Io=-15 mA to +15 mA
Slew Rate
SR
30
60
80
V/µs
4. Positive charge pump block (VGH)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Output Voltage Range 1
VGH_HOT
8.0
-
35
V
0.2 V step
Output Voltage Range 2
VGH_COLD
VGH
HOT
-
VGH
HOT
+15V
V
0.2 V step
*Max = 35 V
Output Voltage Accuracy 1
VGH_R1
17.46
18
18.54
V
VGH=18 V setting
Output Voltage Accuracy 2
VGH_R2
17.1
18
18.9
V
VGH=18 V setting
(Ta=-40 to +105 °C)
Soft Start time
VGH_SS
4.25
5
5.75
ms
VGH=18 V setting
Under-Voltage Protection voltage
VGH_UVP
VGH×0.7
VGH×0.8
VGH×0.9
V
DRP H Side On Resistance
RON_DRPH
-
10
20
Ω
DRP L Side On Resistance
RON_DRPL
-
10
20
Ω
AVDD-CPP1 On Resistance
RON_CPP1
-
10
20
Ω
CPP1-VCP On Resistance
RON_CPP2
-
10
20
Ω
VCP-CPP2 On Resistance
RON_CPP3
-
10
20
Ω
CPP2-VGH On Resistance
RON_CPP4
-
10
20
Ω
Discharge Resistance
DISR_VGH
-
150
300
Ω
5. Negative charge pump block (VGL)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Output Voltage Range
VGL
-14.0
-
-4.0
V
0.1 V step
Output Voltage Accuracy 1
VGL_R1
-6.18
-6
-5.82
V
VGL=-6.0 V setting
Output Voltage Accuracy 2
VGL_R2
-6.3
-6
-5.7
V
VGL=-6.0 V setting
(Ta=-40 to +105 °C)
Soft Start time
VGL_SS
4.25
5
5.75
ms
Under-Voltage Protection voltage
VGL_UVP
VGL×0.7
VGL×0.8
VGL×0.9
V
DRN H Side On Resistance
RON_DRNH
-
10
20
Ω
DRN L Side On Resistance
RON_DRNN
-
10
20
Ω
Discharge Resistance
DISR_VGL
-
250
500
Ω


유사한 부품 번호 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUF-M

제조업체부품명데이터시트부품 상세설명
Rohm
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
Fujitsu Component Limited.
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
Texas Instruments
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
Infineon Technologies AG
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
Maxim Integrated Products
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
Texas Instruments
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
IC-Haus GmbH
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
Texas Instruments
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
ON Semiconductor
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz