전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM366S1623AT-G2 데이터시트(PDF) 2 Page - Samsung semiconductor

부품명 KMM366S1623AT-G2
상세설명  16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM366S1623AT-G2 데이터시트(HTML) 2 Page - Samsung semiconductor

  KMM366S1623AT-G2 Datasheet HTML 1Page - Samsung semiconductor KMM366S1623AT-G2 Datasheet HTML 2Page - Samsung semiconductor KMM366S1623AT-G2 Datasheet HTML 3Page - Samsung semiconductor KMM366S1623AT-G2 Datasheet HTML 4Page - Samsung semiconductor KMM366S1623AT-G2 Datasheet HTML 5Page - Samsung semiconductor KMM366S1623AT-G2 Datasheet HTML 6Page - Samsung semiconductor KMM366S1623AT-G2 Datasheet HTML 7Page - Samsung semiconductor KMM366S1623AT-G2 Datasheet HTML 8Page - Samsung semiconductor KMM366S1623AT-G2 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image


유사한 부품 번호 - KMM366S1623AT-G2

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
KMM366S1623BTL SAMSUNG-KMM366S1623BTL Datasheet
565Kb / 11P
   PCS SDRAM MODULE
KMM366S1623BTL-G0 SAMSUNG-KMM366S1623BTL-G0 Datasheet
565Kb / 11P
   PCS SDRAM MODULE
KMM366S1623BTL-GO SAMSUNG-KMM366S1623BTL-GO Datasheet
565Kb / 11P
   PCS SDRAM MODULE
KMM366S1623CT-G8 SAMSUNG-KMM366S1623CT-G8 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
More results

유사한 설명 - KMM366S1623AT-G2

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
M366S1623ET0 SAMSUNG-M366S1623ET0 Datasheet
176Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1654CTS SAMSUNG-M366S1654CTS Datasheet
173Kb / 11P
   16Mx64 SDRAM DIMM based on 16Mx16, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323DTS SAMSUNG-M366S3323DTS Datasheet
175Kb / 11P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S1724DTS SAMSUNG-M464S1724DTS Datasheet
87Kb / 11P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M366S3253DTS SAMSUNG-M366S3253DTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253BTS SAMSUNG-M366S3253BTS Datasheet
167Kb / 10P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924CT1 SAMSUNG-M464S0924CT1 Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0824DT1 SAMSUNG-M464S0824DT1 Datasheet
154Kb / 9P
   8Mx64 SDRAM SODIMM based on 4Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com