전자부품 데이터시트 검색엔진 |
|
TCA0G685K 데이터시트(PDF) 4 Page - Rohm |
|
TCA0G685K 데이터시트(HTML) 4 Page - Rohm |
4 / 14 page TC series Tantalum capacitors Rev.A 4/13 Item Performance Test conditions (based on JIS C 5101 −1 and JIS C 5101−3) Repetition : 5 cycles (1 cycle : steps 1~4) without discontinuation. Temp. Time Temperature cycle There should be no significant abnormality. Appea- rance ∆C / C Df (tan δ) Df (tan δ) L.C Moisture resistance Appea- rance Appea- rance ∆C / C L.C 1 2 3 4 −55 3 C Room temp. 125 2 C Room temp. 30 3min 3min.or less 30 3min 3min.or less There should be no significant abnormality. The indications should be Temperature Stebility Temp. −55 C ∆C / C Df (tan δ) L.C − Temp. +85 C ∆C / C L.C 5 µA or 0.1CV whitchever is greater ∆C / C L.C 6.3 µA or 0.125CV whitchever is greater Temp. +125 C Df (tan δ) Shall be satisfied the voltage on " Standard list " Shall be satisfied the voltage on " Standard list " M case M cas A case M case M case P case P , A case P , A case +− P case A case M case M case P case P , A case A casr M case P case A case M , P case M , P case M , P case M , P case M case P case A case A case A case A case +− +− +− +− Surge voltage There should be no significant avnormality. ∆C / C L.C +− +− +− After leaving the sample under such atmospheric condition that the temperature and humidity are 60 2 C and 90 to 95% RH,respectiveiy,for 500 12h leave it at room temperature for 1 to 2h and then measure the sample. Shall be satisfied the voltage on " Standard list " Df (tan δ) Df (tan δ) Apply the spesified sergevoltage every 5 0.5 min. for 30 5 s. each time in the atmospheric condition of 85 2 C. Repeat this rocedure 1,000 times. Less than 200% of initial limit Less than 200% of initial limit Less than 200% of initial limit Less than 200% of initial limit Less than 150% of initial limit Less than 150% of initial limit Less than initial limit Less than initial limit Less than initial limit Shall be satisfied the value in Item No.6 Less than initial limit Within 20% of initial limit +− Within 20% of initial value +− Within 10% of initial value +− Within 20% of initial limit +− Within 10% of initial limit 15~22 µF: within 20% of initial value +− 1~10 µF: within 10% of initial value +− TCA1A226 , TCA0J476 : Within 15% of intial value Others +− Within 10% of initial value : +− Within 0/ −15% of initial value Within +15/0 of initial value Within +20/0 of initial value Within +15/0% of initial value Within 0/ −12% of initial value Within +12/0% of initial value Less than 200% of initial limit Less than initial limit Less than 200% of initial limit Less than 150% of initial limit |
유사한 부품 번호 - TCA0G685K |
|
유사한 설명 - TCA0G685K |