전자부품 데이터시트 검색엔진 |
|
TCA0G226M 데이터시트(PDF) 11 Page - Rohm |
|
TCA0G226M 데이터시트(HTML) 11 Page - Rohm |
11 / 14 page TC series Tantalum capacitors Rev.A 11/13 (3) Derating voltage as function of temperature 50 60 70 80 90 100 75 85 95 105 115 125 Fig.5 TEMPERATURE ( C) Rated Voltage 4 6.3 10 16 20 5.2 8 13 20 26 2.5 4 6.3 10 13 3.4 5 9 12 16 Surge Voltage Category Voltage Surge Voltage (V.DC) (V.DC) (V.DC) (V.DC) 85 C 125 C (4) Reliability The malfunction rate of tantalum solid state electrolytic capacitors varies considerably depending on the conditions of usage (ambient temperature, applied voltage, circuit resistance). Formula for calculating malfunction rate λp = λb × (πE × πSR × πQ × πCV) λp : Malfunction rate stemming from operation λb : Basic malfunction rate πE : Environmental factors πSR : Series resistance πQ : Level of malfunction rate πCV : Capacitance For details on how to calculate the malfunction rate stemming from operation, see the tantalum solid state electrolytic capacitors column in MIL-HDBK-217. Malfunction rate as function of operating Malfunction rate as function of circuit resistance ( Ω/V) temperature and rated voltage 0.01 0.02 0.03 0.06 0.1 0.2 0.3 0.5 1.0 Ratio= Rated Voltage Applied Voltage 1.0 0.7 0.5 0.3 0.1 20 40 60 85 Fig.6 OPERATING TEMPERATURE ( C) 0.4 0.6 0.8 1.0 2.0 4.0 6.0 0.1 0.2 0.6 0.4 3.0 1.0 2.0 RESISTANCE OF CIRCUIT ( Ω/ V) Fig.7 |
유사한 부품 번호 - TCA0G226M |
|
유사한 설명 - TCA0G226M |