전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5654 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 2SC5654
상세설명  Silicon NPN epitaxial planer type(For DC-DC converter)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5654 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  2SC5654 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transistors
1
2SC5654
Silicon NPN epitaxial planer type
For DC-DC converter
Complementary to 2SA2028
I Features
• Low collector to emitter saturation voltage V
CE(sat)
• S-mini type package, allowing downsizing and thinning of the
equipment and automatic insertion through the tape packing
I Absolute Maximum Ratings T
a
= 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
20
V
Collector to emitter voltage
VCEO
20
V
Emitter to base voltage
VEBO
5V
Peak collector current
ICP
1A
Collector current
IC
3A
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector to base voltage
VCBO
IC
= 10 µA, I
E
= 020
V
Collector to emitter voltage
VCEO
IC
= 1 mA, I
B
= 020
V
Emitter to base voltage
VEBO
IE = 10 µA, IC = 05
V
Forward current transfer ratio
hFE
VCE
= 2 V, I
C
= 100 mA
160
560
Collector to emitter saturation voltage
VCE(sat)
IC
= 200 mA, I
B
= 10 mA
60
100
mV
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
12
30
pF
Transition frequency
fT
VCB = 10 V, IE =
−10 mA, f = 200 MHz
180
MHz
I Electrical Characteristics T
a
= 25°C ± 3°C
Marking Symbol: 2S
1: Base
2: Emitter
3: Collector
S Mini Type Package (3-pin)
1.3±0.1
0.3
+0.1
–0.0
2.0±0.2
1
3
2
(0.65) (0.65)
0.15
+0.10
–0.05
10˚


유사한 부품 번호 - 2SC5654

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SC5657 PANASONIC-2SC5657 Datasheet
164Kb / 11P
   Horizontal Deflection Transistor Series for TV
logo
Rohm
2SC5658 ROHM-2SC5658 Datasheet
2Mb / 15P
   General purpose small signal amplifier
2SC5658 ROHM-2SC5658 Datasheet
77Kb / 3P
   2SC4097 / 2SC1741S
2SC5658 ROHM-2SC5658 Datasheet
89Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC5658 ROHM-2SC5658 Datasheet
120Kb / 4P
   General purpose transistor(50V, 0.15A)
More results

유사한 설명 - 2SC5654

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SC5592 PANASONIC-2SC5592 Datasheet
50Kb / 2P
   Silicon NPN epitaxial planer type(For DC-DC converter)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com