전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74BCT2420FNR 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74BCT2420FNR
상세설명  NuBus ADDRESS/DATA TRANSCEIVERS AND REGISTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2420FNR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74BCT2420FNR Datasheet HTML 1Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 2Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 3Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 4Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 5Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 6Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 7Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 8Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74BCT2420
NuBus
™ ADDRESS/DATA TRANSCEIVERS AND REGISTERS
SDIS007A – D3159, NOVEMBER 1988 – REVISED JANUARY 1989
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1989, Texas Instruments Incorporated
1
Designed for NuBus™ Interface
Applications
Conforms to ANSI/IEEE Std 1196-1987
On-Chip Comparator Provides I/D Slot
Identification
Multiplexed Real-Time and Latched
Address/Data
Designed to Operate With SN74ACT2440
NuBus
™ Controller
BiCMOS Design Substantially Reduces
Standby Current
Dependable Texas instruments Quality and
Reliability
description
The ’BCT2420 consists of bus transceiver circuits,
D-type flip-flops, latches, and control circuitry
arranged for multiplexed transmission of address
and data information in NuBus
™ applications. An
on-chip comparator has been included to detect
when a NuBus
™ transfer cycle is requesting the
local board. The device conforms to ANSI/IEEE
Std 1196-1987 and operates with Texas instru-
ments SN74ACT2440 NuBus
™ Controller. In
addition, the device is easily configured around
ASIC or other PAL® -based controllers.
The ’BCT2420 was designed using Texas Instruments BiCMOS process, which features bipolar drive
characteristics and greatly reduces the standby power of the device when disabled. This feature is especially
valuable when the device is not performing a NuBus
™ transaction.
The AEN, DEN and ADEN inputs control the transceiver functions. Three 16-bit I/O ports, A15–A0, D15–D0,
and AD15–AD0, provide for address and data transfer. When the NuBus
™ performs a write cycle to the local
board, address information is saved on the rising edge of ACLK. During the last portion of the NuBus
™ write
cycle, data information is saved on the rising edge of DCLK.
When the local board is performing a write to the NuBus
™, address and data is multiplexed onto the NuBus™
via the A/D line. Address and data can be latched by using the ALE and DLE input lines respectively.
The IDEQ output is used to signal that the local board is being requested by the NuBus
™. This output is typically
fed to the NuBus
™ controller. IDEQ goes active (low) when AD15–AD12 are low and AD11–AD8 match ID3–ID0.
IDEQ stays valid until the next address clock (ACLK) occurs. Internal 10-k
Ω pullup resistors are included on the
ID3–ID0 inputs.
The SSEQ output is used to signal the local board that super-slot addresses are being requested. This output
is active (low) whenever AD15–AD12 are equal to ID3–AD0, except when ID3–ID0 are all low.
In typical NuBus
™ applications, two devices are required to provide the full 32-bit address/data path. Refer to
the typical NuBus
™ interface diagram on page 9 for additional information.
The SN74BCT2420 is characterized for operation from 0
°C to 70°C.
NuBus is a trademark of Texas Instruments Incorporated.
PAL is a registered trademark of Monolithic Memories Inc.
27 28 29
ID0
ALE
IDEQ
VCC
AD15
AD14
AD13
AD12
GND
AD11
AD10
AD9
AD8
ID1
ADEN
DCLK
ID2
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
AEN
ACLK
ID3
SSEQ
AD7
AD6
AD5
AD4
GND
AD3
AD2
AD1
AD0
VCC
A/D
DLE
DEN
31 32 33 34
FN PACKAGE
(TOP VIEW)
87
6
5
4
93
168 67
2
3536 37 38 39
66 65 64 63 62 61
40 41 42 43
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - SN74BCT2420FNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2423AFN TI1-SN74BCT2423AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424A TI1-SN74BCT2424A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424AFN TI1-SN74BCT2424AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
More results

유사한 설명 - SN74BCT2420FNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
logo
White Electronic Design...
WC32P020-XXM WEDC-WC32P020-XXM Datasheet
476Kb / 14P
   16 32-Bit General-Purpose Data and Address Registers
logo
STMicroelectronics
RM0321 STMICROELECTRONICS-RM0321 Datasheet
3Mb / 584P
   SPEAr320S address map and registers
logo
Micross Components
AS5SP512K36 MICROSS-AS5SP512K36 Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
logo
Texas Instruments
SNJ54ABT646A TI-SNJ54ABT646A Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651 Datasheet
383Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
logo
NXP Semiconductors
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com