전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NJU7630 데이터시트(PDF) 4 Page - New Japan Radio

부품명 NJU7630
상세설명  PWM control Step-Down switching regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJRC [New Japan Radio]
홈페이지  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7630 데이터시트(HTML) 4 Page - New Japan Radio

  NJU7630 Datasheet HTML 1Page - New Japan Radio NJU7630 Datasheet HTML 2Page - New Japan Radio NJU7630 Datasheet HTML 3Page - New Japan Radio NJU7630 Datasheet HTML 4Page - New Japan Radio NJU7630 Datasheet HTML 5Page - New Japan Radio NJU7630 Datasheet HTML 6Page - New Japan Radio NJU7630 Datasheet HTML 7Page - New Japan Radio NJU7630 Datasheet HTML 8Page - New Japan Radio NJU7630 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NJU7630
- 4 -
Ver.2005-03-01
■ELECTRICAL CHARACTERISTICS (V+=3.3V, RT=47kΩ, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Error Amplifier Block
Reference Voltage
VB
-1.0%
1.00
+1.0%
V
Input Bias Current
IB
-0.1
0.1
µA
Open Loop Gain
AV
80
dB
Gain Bandwidth Product
GB
1
MHz
IOM+_1
VFB=1V, VIN-=0.9V
25
55
95
mA
Output Source Current
IOM+_2
VFB=1V, VIN-=0.9V, V
+=2.2V
4
9
16
mA
Output Sink Current
IOM-
VFB=1V, VIN-=1.1V
0.10
0.16
0.22
mA
PWM Comparate Block
VT_0
Duty=0%
0.16
0.22
0.28
V
Input Threshold Voltage
VT_50
Duty=50%
0.44
0.5
0.56
V
MAXDUTY_1 VFB=0.9V
100
%
Maximum Duty Cycle
MAXDUTY_2 VFB=0.9V, RDTC=47kΩ
40
50
60
%
Output Block
Output High Level
ON Resistance
ROH
IO=-20mA
10
20
Output Low Level
ON Resistance
ROL
IO=+20mA
5
10
General Characteristics
Quiescent Current
IDD
RL=Non Load
800
1200
µA


유사한 부품 번호 - NJU7630

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
   PWM control Step-Down switching regulator IC
More results

유사한 설명 - NJU7630

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
   PWM control Step-Down switching regulator IC
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
New Japan Radio
NJM2309 NJRC-NJM2309 Datasheet
131Kb / 7P
   Switching Regulator Control IC for Step-Down
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
   Step-Down Switching Regulator IC with Power Saving PWM/PFM control
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com