2 / 3 page
WEB SITE:http://www.daiwahk.com
TEL: 852 23413351 FAX: 852 27978275
(
)
(
)
1. Zener Voltage is measured 40ms after electricity charging.
Note:
2. Data valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
VF=1V MAX (at IF=100mA)
3. Special Voltage accuracy will be provided upon request at different pricing.
BZX2V0
2.10
1.90
100
1000
-0.075
120
0.7
165
BZX2V2
2.31
2.09
100
1000
-0.075
120
1.0
155
BZX2V4
2.52
2.28
100
1000
-0.070
120
1.0
145
BZX2V7
2.83
2.57
110
1000
-0.070
100
1.0
135
BZX3V0
3.15
2.85
120
1000
-0.070
50
1.0
130
BZX3V3
3.46
3.14
120
1000
-0.065
20
1.0
120
BZX3V9
4.09
3.71
120
1200
-0.035
5
1.0
100
BZX4V3
4.51
4.09
120
1200
-0.030
5
1.0
90
BZX4V7
4.93
4.47
100
1200
-0.020
5
1.0
85
BZX5V1
5.35
4.85
70
1200
0.010
5
1.5
78
BZX5V6
5.88
5.32
40
900
0.035
5
2.5
70
BZX6V2
6.51
5.89
30
500
0.035
5
3.0
64
BZX6V8
7.14
6.46
25
150
0.040
2
3.5
58
BZX7V5
7.87
7.13
25
120
0.052
0.5
4.0
53
BZX8V2
8.61
7.79
20
120
0.055
0.5
5.0
48
BZX9V1
9.55
8.65
20
120
0.055
0.5
6.0
43
BZX10
10.50
9.50
20
120
0.060
0.2
7.0
40
BZX11
11.55
10.45
20
120
0.060
0.2
8.0
36
BZX12
12.60
11.40
25
110
0.065
0.2
9.0
33
BZX13
13.65
12.35
25
110
0.065
0.2
10.0
30
BZX15
15.75
14.25
25
110
0.070
0.2
11.0
26
BZX16
16.80
15.20
25
150
0.070
0.2
12.0
25
BZX18
18.90
17.10
30
150
0.075
0.2
13.0
22
BZX20
21.00
19.00
30
200
0.080
0.2
15.0
20
BZX22
23.10
20.90
30
200
0.080
0.2
17.0
18
BZX24
25.20
22.80
35
200
0.085
0.2
19.0
16
BZX27
28.35
25.65
45
250
0.090
0.2
21.0
14
BZX3V6
3.78
3.42
120
1100
-0.055
10
1.0
110
ELECTRICAL CHARACTERISTICS(Ta=25 )
Zener
Dynamic resistance
Temp coeff
Reverse
Admissible
C
MAX.
MIN.
MAX.
MAX.
Typ
Volage
of Zener volt
Current
Zener current
Type
at
at
at
at
at
Iz=5mA
f=1KHz
Iz=5mA
f=1KHz
Ta=25 C
Iz=5mA
Vz(v)
Rzj( )
Rzj( )
AVz(%/ )
IR(
)
Iz(mA)
MAX. VR(v)=
MAX.
A
W
W
C
Iz=5mA
BZX30
31.50
28.50
55
250
0.092
0.2
23.0
13
BZX33
34.65
31.35
65
250
0.092
0.2
25.0
12
BZX36
37.80
34.20
75
250
0.095
0.2
27.0
11
BZX39
40.90
37.05
85
250
0.095
0.2
30.0
10