전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD1985-3.8V 데이터시트(PDF) 10 Page - Unisonic Technologies

부품명 LD1985-3.8V
상세설명  LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985-3.8V 데이터시트(HTML) 10 Page - Unisonic Technologies

Back Button LD1985-3.8V Datasheet HTML 3Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 4Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 5Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 6Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 7Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 8Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 9Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 10Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
10
QW-R102-021,B
Load Transient
Vout
Vo=2.5V, Io=0 ~ 50mA, no C i, Co=10µ F, ts=tf=2ns
20.0mV
50.0mVΩ
Ch2
29mV
Ch3
3
?
?
T
Tek Run: 5.00MS/s Average
2
Ch2
M 10.0μs
Load Transient
Iout
Vout
Vo=2.5V, Io=50mA, no C i, Co=4.7µ F, ts=tf=20ns
Ch1
50.0mV
100mVΩ
CH2
M 10.0μs
Ch2
78mV
Ch2
2
?
?
T
Tek Run: 5.00MS/s Average
1
APPLICATION INFORMATION
EXTERNAL CAPACITORS
Like any low-dropout regulator, the UTC LD1985 requires external capacitors for regulator stability. This capacitor
must be selected to meet the requirements of minimum capacitance and equivalent series resistance. We suggest to
solder input and output capacitors as close as possible to the relative pins.
INPUT CAPACITOR
An input capacitor whose value is 1μF is required with the UTC LD1985 (amount of capacitance can be increased
without limit). This capacitor must be located a distance of not more than 0.5" from the input pin of the device and
returned to a clean analog ground. Any good quality ceramic, tantalum or film capacitors can be used for this
capacitor.
OUTPUT CAPACITOR
The UTC LD1985 is designed specifically to work with ceramic output capacitors. It may also be possible to use
Tantalum capacitors, but these are not as attractive for reasons of size and cost. By the way, the output capacitor
must meet both the requirement for minimum amount of capacitance and E.S.R. (equivalent series resistance) value.
Due to the different loop gain, the stability improves for higher output versions and so the suggested minimum output
capacitor value, if low E.S.R. ceramic type is used, is 1μF for output voltages equal or major than 3.8V, 2.2μF for
VO going from 1.8 ~ 3.3V, and 3.3μF for the other versions. However, if an output capacitor lower than the
suggested one is used, it's possible to make stable the regulator adding a resistor in series to the capacitor.
IMPORTANT:
The output capacitor must maintain its ESR in the stable region over the full operating temperature to assure
stability. Also, capacitor tolerance and variation with temperature must be considered to assure the minimum amount
of capacitance is provided at all times. This capacitor should be located not more than 0.5" from the output pin of the
device and returned to a clean analog ground.
INHIBIT INPUT OPERATION
The inhibit pin can be used to turn OFF the regulator when pulled low, so drastically reducing the current
consumption down to less than 1μA. When the inhibit feature is not used, this pin must be tied to Vi to keep the
regulator output ON at all times. To assure proper operation, the signal source used to drive the inhibit pin must be
able to swing above and below the specified thresholds listed in the electrical characteristics section under VIH VIL.
Any slew rate can be used to drive the inhibit.
REVERSE CURRENT
The power transistor used in the UTC LD1985 has not an inherent diode connected between the regulator input
and output. If the output is forced above the input, no current will flow from the output to the input across the series
pass transistor. When a VREV voltage is applied on the output, the reverse current measured flows to the GND
across the two feedback resistors. This current typical value is 160μA. R1 and R2 resistors are implanted type;


유사한 부품 번호 - LD1985-3.8V

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LD1985-30-AF5-R UTC-LD1985-30-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-31-AF5-R UTC-LD1985-31-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-32-AF5-R UTC-LD1985-32-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results

유사한 설명 - LD1985-3.8V

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com