전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1271 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 2SD1271
상세설명  Silicon NPN epitaxial planar type(For power switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1271 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  2SD1271 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1271 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1271 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD1271, 2SD1271A
Silicon NPN epitaxial planar type
For power switching
Complementary to 2SB946 and 2SB946A
s Features
q
Low collector to emitter saturation voltage VCE(sat)
q
Satisfactory linearity of foward current transfer ratio hFE
q
Large collector current IC
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
130
150
80
100
7
15
7
40
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1271
2SD1271A
2SD1271
2SD1271A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 100V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 2V, IC = 0.1A
VCE = 2V, IC = 3A
IC = 5A, IB = 0.25A
IC = 5A, IB = 0.25A
VCE = 10V, IC = 0.5A, f = 10MHz
IC = 3A, IB1 = 0.3A, IB2 = – 0.3A,
VCC = 50V
min
80
100
45
90
typ
30
0.5
1.5
0.1
max
10
50
260
0.5
1.5
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
2SD1271
2SD1271A
*h
FE2 Rank classification
Rank
Q
P
hFE2
90 to 180
130 to 260
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


유사한 부품 번호 - 2SD1271

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1271 PANASONIC-2SD1271 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
logo
Savantic, Inc.
2SD1271 SAVANTIC-2SD1271 Datasheet
150Kb / 5P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1271 ISC-2SD1271 Datasheet
173Kb / 5P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1271A SAVANTIC-2SD1271A Datasheet
150Kb / 5P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1271A JMNIC-2SD1271A Datasheet
38Kb / 1P
   Silicon NPN Transistors
More results

유사한 설명 - 2SD1271

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1256 PANASONIC-2SD1256 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1257 PANASONIC-2SD1257 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1269 PANASONIC-2SD1269 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1745 PANASONIC-2SD1745 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD2467 PANASONIC-2SD2467 Datasheet
47Kb / 2P
   Silicon NPN epitaxial planar type(For power switching)
2SD2469 PANASONIC-2SD2469 Datasheet
59Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD2468 PANASONIC-2SD2468 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1254 PANASONIC-2SD1254 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1270 PANASONIC-2SD1270 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1268 PANASONIC-2SD1268 Datasheet
47Kb / 2P
   Silicon NPN epitaxial planar type(For power switching)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com