전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1280 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 2SD1280
상세설명  Silicon NPN epitaxial planer type(For low-voltage type medium output power amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1280 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  2SD1280 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1280 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1280 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SD1280
Silicon NPN epitaxial planer type
For low-voltage type medium output power amplification
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Satisfactory operation performances at high efficiency with the
low-voltage power supply.
q
Mini Power type package, allowing downsizing of the equipment
and automatic insertion through the tape packing and the maga-
zine packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–62
3:Emitter
Mini Power Type Package
4.5
±0.1
3.0
±0.15
1.5
±0.1
0.4
±0.08
0.5
±0.08
1.5
±0.1
0.4
±0.04
1.6
±0.2
45
°
marking
321
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
20
20
5
2
1
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter saturation voltage
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCEO
VEBO
hFE1
*1
hFE2
VBE(sat)
VCE(sat)
fT
Cob
Conditions
VCB = 10V, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 2V, IC = 500mA
*2
VCE = 2V, IC = 1.5A
*2
IC = 500mA, IB = 50mA
*2
IC = 1A, IB = 50mA
*2
VCB = 6V, IE = –50mA, f = 200MHz
VCB = 6V, IE = 0, f = 1MHz
min
20
5
90
50
typ
150
100
150
18
max
1
360
1.2
0.5
Unit
µA
V
V
V
V
MHz
pF
Marking symbol :
R
*1h
FE1 Rank classification
Rank
Q
R
S
T
hFE1
90 ~ 155
130 ~ 210
180 ~ 280
250 ~ 360
Marking Symbol
RQ
RR
RS
RT
*2 Pulse measurement
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion


유사한 부품 번호 - 2SD1280

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1280 PANASONIC-2SD1280 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency power amplification)
logo
Guangdong Kexin Industr...
2SD1280 KEXIN-2SD1280 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD1280-HF KEXIN-2SD1280-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SD1280-Q KEXIN-2SD1280-Q Datasheet
1Mb / 3P
   NPN Transistors
2SD1280-Q-HF KEXIN-2SD1280-Q-HF Datasheet
1Mb / 3P
   NPN Transistors
More results

유사한 설명 - 2SD1280

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1330 PANASONIC-2SD1330 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1328 PANASONIC-2SD1328 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1979 PANASONIC-2SD1979 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1302 PANASONIC-2SD1302 Datasheet
41Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1996 PANASONIC-2SD1996 Datasheet
43Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD2210 PANASONIC-2SD2210 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD638 PANASONIC-2SD638 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For medium-power general amplification)
2SC4391 PANASONIC-2SC4391 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2358 PANASONIC-2SD2358 Datasheet
45Kb / 1P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com