전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZD1520 데이터시트(PDF) 6 Page - Integral Corp.

부품명 IZD1520
상세설명  CMOS DOT MATRIX LCD DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZD1520 데이터시트(HTML) 6 Page - Integral Corp.

Back Button IZD1520 Datasheet HTML 2Page - Integral Corp. IZD1520 Datasheet HTML 3Page - Integral Corp. IZD1520 Datasheet HTML 4Page - Integral Corp. IZD1520 Datasheet HTML 5Page - Integral Corp. IZD1520 Datasheet HTML 6Page - Integral Corp. IZD1520 Datasheet HTML 7Page - Integral Corp. IZD1520 Datasheet HTML 8Page - Integral Corp. IZD1520 Datasheet HTML 9Page - Integral Corp. IZD1520 Datasheet HTML 10Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CMOS DOT MATRIX LCD DRIVER
IZD1520
6
•••• Read/Write timing for the 80-port MPU
Characteristic
Symbol
Signal
Condition
Min
Typ
Max
Unit
Address hold time
tAH8
A0, CS
10
ns
Address setup time
tAW8
20
ns
System cycle time
tCYC8
WR, RD
1000
ns
Control pulse width
tCC8
200
ns
Data setup time
tDS8
80
ns
Data hold time
tDH8
10
ns
VDD access time
tACC8
D0
÷ D7
90
ns
Output Disable time
tOH8
CL = 100pF
10
60
ns
Low-level pulsewidth
tWLCL
35
µs
High-level pulsewidth
tWHCL
CL
35
µs
Rise time
tr
30
150
ns
Fall time
tf
30
150
ns
FR delay time
Note 1
tFDR
FR (Input)
-2.0
0.2
2.0
µs
FR delay time
Note 2
tFDR
FR (Input)
0.2
2.0
µs
•••• Read/Write timing for the 68-port MPU
Characteristic
Symbol
Signal
Condition
Min
Typ
Max
Unit
System cycle time
tCYC6
A0
1000
ns
Address setup time
tAW6
R/W
20
ns
Address hold time
tAH6
10
ns
Data setup time
tDS6
80
ns
Data hold time
tDH6
10
ns
Output disable time
tOH6
D0
÷ D7
10
60
ns
Access time
tACC6
CL = 100pF
90
ns
Enable
READ
tEW
E
100
ns
pulse width
WRITE
80
ns
Low-level pulsewidth
tWLCL
35
µs
High-level pulsewidth
tWHCL
CL
35
µs
Rise time
tr
30
150
ns
Fall time
tf
30
150
ns
FR delay time
Note 1
tFDR
FR (Input)
-2.0
0.2
2.0
µs
FR delay time
Note 2
tFDR
FR (Input)
0.2
2.0
µs
* The rating when VSS = -3.0V are approximately 100% higher that when VSS = -5.0V
Notes: 1. The listed input tFDR applies to IZD1520 and IZD1521 in slave mode.
2. The listed input tFDR applies to IZD1520 and IZD1521 in master mode.


유사한 부품 번호 - IZD1520

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZD1520AA INTEGRAL-IZD1520AA Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520OA INTEGRAL-IZD1520OA Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results

유사한 설명 - IZD1520

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SED1278 ETC-SED1278 Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
logo
NEC
UPD7227 NEC-UPD7227 Datasheet
286Kb / 7P
   CMOS, Intelligent, Dot-Matrix LCD Controller/Driver
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
   Dot Matrix LCD Driver?
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
   Dot Matrix LCD Driver?
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
   DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com