전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5761-600 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 HCPL-5761-600
상세설명  AC/DC to Logic Interface Hermetically Sealed Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5761-600 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-5761-600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5761-600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5761-600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5761-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5761-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5761-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5761-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5761-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5761-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Group A
Parameter
Symbol
Conditions
Subgroup
Min.
Typ.*
Max.
Units
Fig.
Note
ITH+
VIN = VTH+; VCC = 4.5 V;
1, 2, 3
1.75
2.5
3.20
mA
VO = 0.4 V; IO
≥ 2.6 mA
Input Threshold
Current
ITH-
VIN = VTH-; VCC = 4.5 V;
1, 2, 3
0.93
1.3
1.62
mA
VO = 2.4 V; IOH
≤ 250 µA
VIN = V2
− V
3; Pins 1
VTH+
& 4 Open
1, 2, 3
3.18
3.6
4.10
V
7
VCC = 4.5 V; VO = 0.4 V;
dc
IO
≥ 2.6 mA
(Pins 2, 3)
VIN = V2
− V
3; Pins 1
VTH-
& 4 Open
1, 2, 3
1.90
2.5
3.00
V
1, 2
VCC = 4.5 V; VO = 2.4 V;
Input
IO
≤ 250 µA
Threshold
Voltage
VIN = |V1
− V
4|; Pins
VTH+
2 & 3 Open
1, 2, 3
3.79
5.0
5.62
V
VCC = 4.5 V; VO = 0.4 V;
ac
IO
≥ 2.6 mA
(Pins 1, 4)
7, 8
VIN = |V1
− V
4|; Pins 2
VTH-
& 3 Open
1, 2, 3
2.57
3.7
4.52
V
VCC = 4.5 V; VO = 2.4 V;
IO
≤ 250 µA
VIHC1 = V2
− V
3;
VIHC1
V3 = GND;
1, 2, 3
5.3
5.9
7.5
V
IIN = 10 mA; Pin 1 & 4
Connected to Pin 3
VIHC2 = |V1
− V
4|;
Input Clamp Voltage
VIHC2
|IIN| = 10 mA;
1, 2, 3
6.0
6.6
8.0
V
3
15
Pins 2 & 3 Open
VIHC3 = V2
− V
3;
V3 = GND;
1, 2, 3
12.0
14.0
V
VIHC3
IIN = 13.5 mA;
Pins 1 & 4 Open
Input Current
IIN
VIN = V2
− V
3 = 5.0 V;
1, 2, 3
3.0
3.9
4.5
mA
4
Pins 1 & 4 Open
Logic Low
VOL
VCC = 4.5 V;
1, 2, 3
0.05
0.4
V
4
Output Voltage
IOL = 2.6 mA
Logic High
IOH
VOH = VCC = 18 V
1, 2, 3
250
µA
Output Current
7
Logic Low
ICCL
V2
− V
3 = 5.0 V;
1, 2, 3
0.8
3.0
mA
Supply Current
VO = Open; VCC = 18 V
Logic High
ICCH
VCC = 18 V; VO = Open
1, 2, 3
0.001
20
µA5
Supply Current
45% RH, t = 5 s;
Input-Output
II-O
VI-O = 1500 Vdc;
1
1
µA
9, 10
Insulation
TA = 25°C
Electrical Characteristics T
A
= -55
°C to 125°C, unless otherwise specified. See note 16.


유사한 부품 번호 - HCPL-5761-600

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results

유사한 설명 - HCPL-5761-600

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com