전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT20J121 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 GT20J121
상세설명  Discrete IGBTs Silicon N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT20J121 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  GT20J121 Datasheet HTML 1Page - Toshiba Semiconductor GT20J121 Datasheet HTML 2Page - Toshiba Semiconductor GT20J121 Datasheet HTML 3Page - Toshiba Semiconductor GT20J121 Datasheet HTML 4Page - Toshiba Semiconductor GT20J121 Datasheet HTML 5Page - Toshiba Semiconductor GT20J121 Datasheet HTML 6Page - Toshiba Semiconductor GT20J121 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GT20J121
4
8.
8.
8.
8. Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 8.2
8.2
8.2
8.2 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 8.3
8.3
8.3
8.3 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 8.4
8.4
8.4
8.4 IIIIC
C
C
C
- V
- V
- V
- VGE
GE
GE
GE
Fig.
Fig.
Fig.
Fig. 8.5
8.5
8.5
8.5 V
V
V
VCE(sat)
CE(sat)
CE(sat)
CE(sat)
- T
- T
- T
- Tcccc
2014-01-07
Rev.2.0


유사한 부품 번호 - GT20J121

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
GT20J101 TOSHIBA-GT20J101 Datasheet
259Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT20J101 TOSHIBA-GT20J101 Datasheet
191Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT20J101 TOSHIBA-GT20J101 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
GT20J101 TOSHIBA-GT20J101_06 Datasheet
191Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
More results

유사한 설명 - GT20J121

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
GT30J341 TOSHIBA-GT30J341 Datasheet
301Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50J341 TOSHIBA-GT50J341 Datasheet
250Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT60PR21 TOSHIBA-GT60PR21 Datasheet
224Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J341 TOSHIBA-GT20J341 Datasheet
251Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT40RR21 TOSHIBA-GT40RR21 Datasheet
226Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT30J110SRA TOSHIBA-GT30J110SRA Datasheet
543Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50MR21 TOSHIBA-GT50MR21 Datasheet
219Kb / 8P
   Discrete IGBTs Silicon N-Channel IGBT
GT40WR21 TOSHIBA-GT40WR21 Datasheet
131Kb / 5P
   Discrete IGBTs Silicon N-Channel IGBT
GT20N135SRA TOSHIBA-GT20N135SRA Datasheet
649Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50JR21 TOSHIBA-GT50JR21 Datasheet
207Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com