전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT60PR21 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 GT60PR21
상세설명  Discrete IGBTs Silicon N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT60PR21 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  GT60PR21 Datasheet HTML 1Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 2Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 3Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 4Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 5Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 6Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GT60PR21
1
Discrete IGBTs Silicon N-Channel IGBT
GT60PR21
GT60PR21
GT60PR21
GT60PR21
Start of commercial production
2012-03
1.
1.
1.
1. Applications
Applications
Applications
Applications
Dedicated to Voltage-Resonant Inverter Switching Applications
Note:
The product(s) described herein should not be used for any other application.
2.
2.
2.
2. Features
Features
Features
Features
(1)
6.5th generation
(2)
The RC-IGBT consists of a freewheeling diode monolithically integrated in an IGBT chip.
(3)
Enhancement mode
(4)
High-speed switching:
IGBT tf = 0.16 µs (typ.) (IC = 60 A)
FWD trr = 0.60 µs (typ.) (IF = 15 A)
(5)
Low saturation voltage: VCE(sat) = 2.0 V (typ.) (IC = 60 A)
(6)
High junction temperature: Tj = 175  (max)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
TO-3P(N)
1: Gate
2: Collector
3: Emitter
2014-01-07
Rev.2.0


유사한 부품 번호 - GT60PR21

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
GT60-005 FRONTIER-GT60-005 Datasheet
121Kb / 2P
   6A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
GT605 TSC-GT605 Datasheet
71Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
TAITRON Components Inco...
GT605G TAITRON-GT605G Datasheet
147Kb / 3P
   6 Amp Glass Passivated Quick Connect Rectifier
logo
Toshiba Semiconductor
GT60J101 TOSHIBA-GT60J101 Datasheet
835Kb / 16P
   Discrete IGBTs
GT60J321 TOSHIBA-GT60J321 Datasheet
183Kb / 6P
   The 4th Generation Soft Switching Applications
More results

유사한 설명 - GT60PR21

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
GT30J341 TOSHIBA-GT30J341 Datasheet
301Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50J341 TOSHIBA-GT50J341 Datasheet
250Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J341 TOSHIBA-GT20J341 Datasheet
251Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT40RR21 TOSHIBA-GT40RR21 Datasheet
226Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT30J110SRA TOSHIBA-GT30J110SRA Datasheet
543Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50MR21 TOSHIBA-GT50MR21 Datasheet
219Kb / 8P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J121 TOSHIBA-GT20J121 Datasheet
195Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT40WR21 TOSHIBA-GT40WR21 Datasheet
131Kb / 5P
   Discrete IGBTs Silicon N-Channel IGBT
GT20N135SRA TOSHIBA-GT20N135SRA Datasheet
649Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50JR21 TOSHIBA-GT50JR21 Datasheet
207Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com