전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TRS2E65F 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TRS2E65F
부품 상세설명  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS2E65F 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TRS2E65F Datasheet HTML 1Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 2Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 3Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 4Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 5Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TRS2E65F
1
SiC Schottky Barrier Diode
TRS2E65F
TRS2E65F
TRS2E65F
TRS2E65F
Start of commercial production
2017-06
1.
1.
1.
1. Applications
Applications
Applications
Applications
Power Factor Correction
Solar Inverters
Uninterruptible Power Supplies
DC-DC Converters
2.
2.
2.
2. Features
Features
Features
Features
(1)
Chip design of 2nd generation.
(2)
High surge current capability : IFSM = 21A (Max)
(3)
The junction capacitance is small : Cj = 8.7pF (Typ.)
(4)
The reverse current is small. : IR = 0.2 µA (Typ.)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
TO-220-2L
1: Cathode
2: Anode
2017-09-22
Rev.1.0
©2016-2017
Toshiba Electronic Devices & Storage Corporation


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn