전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TRS2E65F 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TRS2E65F
상세설명  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS2E65F 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TRS2E65F Datasheet HTML 1Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 2Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 3Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 4Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 5Page - Toshiba Semiconductor TRS2E65F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TRS2E65F
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Repetitive peak reverse voltage
Forward DC current
Forward pulse current
Non-repetitive peak forward surge current
Junction temperature
Storage temperature
Mounting torque
Symbol
VRRM
IF(DC)
IFP
IFSM
Tj
Tstg
TOR
Note
(Note 1)
(Note 2)
Rating
650
2
20
21
175
-55 to 175
0.6
Unit
V
A
A
A
Nm
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: t = 50 µs
Note 2: f = 50 Hz (half-sine wave t = 10 ms)
5.
5.
5.
5. Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Characteristics
Thermal resistance (junction-to-case)
Thermal resistance (junction-to-ambient)
Symbol
Rth(j-c)
Rth(j-a)
Test Condition
Max
3.6
89
Unit
/W
/W
6.
6.
6.
6. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Forward voltage
Forward voltage
Reverse current
Junction capacitance
Symbol
VF (1)
VF (2)
IR
Cj
Test Condition
IF = 1 A (pulse measurement)
IF = 2 A (pulse measurement)
VR = 650 V (pulse measurement)
VR = 650 V, f = 1 MHz
Min
Typ.
1.2
1.45
0.2
8.7
Max
1.6
20
Unit
V
V
µA
pF
2017-09-22
Rev.1.0
©2016-2017
Toshiba Electronic Devices & Storage Corporation


유사한 부품 번호 - TRS2E65F

제조업체부품명데이터시트상세설명
logo
TRACO Electronic AG
TRS2 TRACOPOWER-TRS2 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TRS2-0910 TRACOPOWER-TRS2-0910 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TRS2-0911 TRACOPOWER-TRS2-0911 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TRS2-0912 TRACOPOWER-TRS2-0912 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TRS2-0913 TRACOPOWER-TRS2-0913 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
More results

유사한 설명 - TRS2E65F

제조업체부품명데이터시트상세설명
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com