전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TRS8E65F 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TRS8E65F
상세설명  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS8E65F 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TRS8E65F Datasheet HTML 1Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 2Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 3Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 4Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 5Page - Toshiba Semiconductor TRS8E65F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TRS8E65F
3
7.
7.
7.
7. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 Marking
Marking
Marking
Marking
Note:
A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
Abbreviation Code
S8E65F
Part Number
TRS8E65F
8.
8.
8.
8. Usage Considerations
Usage Considerations
Usage Considerations
Usage Considerations
(1)
The absolute maximum ratings are rated values that must not be exceeded during operation, even for an
instant.
The following are the recommended general derating methods for designing a circuit board using this
device.
VRRM : VRRM has a temperature coefficient of 0.1 %/.
Take this coefficient into account when designing a circuit board that will be operated
in a low-temperature environment.
IF(DC) : We recommend that the worst-case current be no greater than 80 % of the absolute maximum
rating of IF(DC).
IFP
: We recommend that the worst-case current be no greater than 80 % of the absolute maximum
rating of IFP.
IFSM : This rating specifies a non-repetitive limit value.
This only applies to an abnormal operation, which seldom occurs during the lifespan of a device.
I2t
: This rating specifies a non-repetitive limit value.
This only applies to an abnormal operation, which seldom occurs during the lifespan of a device.
Tj
: Derate device parameters in proportion to this rating in order to ensure high reliability.
We recommend that the junction temperature (Tj) of a device be kept below 140 .
(2)
For other design considerations, see the Toshiba Semiconductor website.
2018-06-27
Rev.2.0
©2016-2018
Toshiba Electronic Devices & Storage Corporation


유사한 부품 번호 - TRS8E65F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TRS8E65C TOSHIBA-TRS8E65C Datasheet
157Kb / 5P
   SiC Schottky Barrier Diode
More results

유사한 설명 - TRS8E65F

제조업체부품명데이터시트상세설명
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com