전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESD03CLV 데이터시트(PDF) 1 Page - Rectron Semiconductor

부품명 ESD03CLV
상세설명  Bidirectional Ultra Low Capacitance ESD/Surge Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD03CLV 데이터시트(HTML) 1 Page - Rectron Semiconductor

  ESD03CLV Datasheet HTML 1Page - Rectron Semiconductor ESD03CLV Datasheet HTML 2Page - Rectron Semiconductor ESD03CLV Datasheet HTML 3Page - Rectron Semiconductor ESD03CLV Datasheet HTML 4Page - Rectron Semiconductor ESD03CLV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bidirectional Ultra Low Capacitance ESD/Surge Protection
—IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
—IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Surge) 10A (8/20 s)
—Protects one I/O line (bidirectional)
—Low operating and clamping voltage
—Low leakage current
The ESD03CL is an ultra low capacitance ESD
and
Surge
Protector
designed
to
provide
electrostatic
discharge
(ESD)
protection
for
high-speed
data
interfaces.
ESD03CL
is
designed to protect parasitic-sensitive systems
against over-voltage and over-current transient
events. It complies with IEC 61000-4-2 (ESD),
Level 4 (±15kV air, ±8kV contact discharge), IEC
61000-4-4 (EFT, 40A 5/50ns), IEC 61000-4-5
(Surge, 10A 8/20s), very fast charged device
model (CDM) ESD and cable discharge event
(CDE), etc.
ESD03CL is in an SOD-323 package. The
combined features of ultra-low capacitance and
high ESD robustness make ESD03CL ideal for
applications where arrays are not practical. The
low clamping voltage of ESD03CL guarantees
a minimum stress on the protected IC.
—SOD-323 package
—Flammability Rating: UL 94V-0
—Packaging: Tape and Reel
—High temperature soldering guaranted:260 /10s
—Reel size: 7 inch
—Device:ESD03CL
—Package: SOD-323
—Marking: CA1
—Material: Halogen free
—Packing: Tape & Reel
—Quantity per reel: 3,000pcs
—Cell Phone Handsets and Accessories
—Microprocessor based equipment
—Personal Digital Assistants (PDA’s)
—Notebooks, Desktops, and Servers
—Portable Instrumentation
—Peripherals
—Analog Inputs
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PIN CONFIGURATION
PACKAGE OUTLINE
FEATURES
ESD03CLV
—P/N suffix V means AEC-Q101 qualified,
e.g:ESD03CLV
2020-11/01
REV:O


유사한 부품 번호 - ESD03CLV

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
ESD03CL RECTRON-ESD03CL Datasheet
194Kb / 5P
   Bidirectional Ultra Low Capacitance ESD/Surge Protection
More results

유사한 설명 - ESD03CLV

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
ESD03CL RECTRON-ESD03CL Datasheet
194Kb / 5P
   Bidirectional Ultra Low Capacitance ESD/Surge Protection
logo
NXP Semiconductors
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD5V0X1BT NXP-PESD5V0X1BT Datasheet
83Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
PESD5V0H1BSF PHILIPS-PESD5V0H1BSF_15 Datasheet
193Kb / 13P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
logo
Nexperia B.V. All right...
PESD7V0C1BSF NEXPERIA-PESD7V0C1BSF Datasheet
207Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0R1BSF PHILIPS-PESD5V0R1BSF_15 Datasheet
189Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD18VF1BSF PHILIPS-PESD18VF1BSF_15 Datasheet
187Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
20 May 2015
logo
Nexperia B.V. All right...
PESD24VF1BSF NEXPERIA-PESD24VF1BSF Datasheet
672Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com