전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

STM6920A 데이터시트(PDF) 5 Page - VBsemi Electronics Co.,Ltd

부품명 STM6920A
부품 상세설명  Dual N-Channel 60 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STM6920A 데이터시트(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  STM6920A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
TC =25 °C
Single Pulse
BVDSS Limited
Limited by R
*
DS(on)
IDM Limited
100 µs
1 ms
10 ms
100 ms
1 s
10 s, DC
2
1
0.1
0.01
10- 4
10- 3
10- 2
10- 1
1
10
600
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 110 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100
STM6920A
5
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn