전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM6920A 데이터시트(PDF) 6 Page - VBsemi Electronics Co.,Ltd

부품명 STM6920A
상세설명  Dual N-Channel 60 V (D-S) 175 째C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STM6920A 데이터시트(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  STM6920A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Foot
10- 3
10- 2
110
10- 1
10- 4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
STM6920A
6
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


유사한 부품 번호 - STM6920A

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STM6920A SAMHOP-STM6920A Datasheet
697Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Weitron Technology
STM6920A WEITRON-STM6920A Datasheet
239Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STM6920A DOINGTER-STM6920A Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - STM6920A

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
9904SS VBSEMI-9904SS Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962GM VBSEMI-9962GM Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962AGM-HF VBSEMI-9962AGM-HF Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
MDS5951URH VBSEMI-MDS5951URH Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
AM4960N-T1-PF VBSEMI-AM4960N-T1-PF Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
VBA3638 VBSEMI-VBA3638 Datasheet
723Kb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
AO4828 VBSEMI-AO4828 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Vishay Telefunken
SI4946BEY TFUNK-SI4946BEY Datasheet
262Kb / 10P
   Dual N-Channel 60-V (D-S) 175 째C MOSFET
logo
VBsemi Electronics Co.,...
SI4906DY-T1-E3 VBSEMI-SI4906DY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
SSG9904 VBSEMI-SSG9904 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
STS3DNE60L VBSEMI-STS3DNE60L Datasheet
990Kb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com