전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

STM6920A 데이터시트(PDF) 1 Page - VBsemi Electronics Co.,Ltd

부품명 STM6920A
부품 상세설명  Dual N-Channel 60 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STM6920A 데이터시트(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  STM6920A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STM6920A Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual N-Channel 60 V (D-S) 175 °C MOSFET
FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
Notes
a. Package limited.
b. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
c. When mounted on 1" square PCB (FR4 material).
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (
Ω) at VGS = 10 V
0.040
RDS(on) (
Ω) at VGS = 4.5 V
0.055
ID (A) per leg
7
Configuration
Dual
Top View
SO-8 Dual
1
S
1
2
G
1
3
S
2
1
2
G
3
S
2
4
G
2
D
1
7
D
2
6
D
2
5
D
1
8
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C
ID
7
A
TC = 125 °C
4
Continuous Source Current (Diode Conduction) a
IS
3.6
Pulsed Drain Current b
IDM
28
Single Pulse Avalanche Current
L = 0.1 mH
IAS
18
Single Pulse Avalanche Energy
EAS
16.2
mJ
Maximum Power Dissipation b
TC = 25 °C
PD
4
W
TC = 125 °C
1.3
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mount c
RthJA
110
°C/W
Junction-to-Foot (Drain)
RthJF
34
STM6920A
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn