전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STN4NF20L 데이터시트(PDF) 3 Page - VBsemi Electronics Co.,Ltd

부품명 STN4NF20L
상세설명  N-Channel 200 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STN4NF20L 데이터시트(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  STN4NF20L Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STN4NF20L Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STN4NF20L Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STN4NF20L Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STN4NF20L Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STN4NF20L Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STN4NF20L Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STN4NF20L Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
91193_01
20 µs Pulse Width
T
C = 25 °C
4.5 V
101
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
10-1
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
91193_02
4.5 V
20 µs Pulse Width
T
C = 150 °C
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
10-1
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
91193_03
25
°C
150
°C
20 µs Pulse Width
V
DS = 50 V
10-1
100
VGS, Gate-to-Source Voltage (V)
56
7
8
9
10
4
10-2
91193_04
I
D = 3.3 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
- 60 - 40 - 20
0
20
40 60 80 100 120 140 160
TJ, Junction Temperature (°C)
3.5
91193_05
300
250
200
150
0
100
100
101
VDS, Drain-to-Source Voltage (V)
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
C
iss
C
rss
C
oss
50
91193_06
QG, Total Gate Charge (nC)
20
16
12
8
0
4
02
8
6
4
I
D = 3.3 A
For test circuit
see figure 13
10
V
DS = 40 V
V
DS = 100 V
V
DS = 160 V
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STN4NF20L
3


유사한 부품 번호 - STN4NF20L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STN4NF20L STMICROELECTRONICS-STN4NF20L Datasheet
611Kb / 12P
   N-channel 200 V, 1.1 廓, 1 A SOT-223 low gate charge STripFET??II Power MOSFET
logo
TECH PUBLIC Electronics...
STN4NF20L TECHPUBLIC-STN4NF20L Datasheet
2Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - STN4NF20L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com