전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STN8205AAST8RG 데이터시트(PDF) 2 Page - VBsemi Electronics Co.,Ltd

부품명 STN8205AAST8RG
상세설명  Dual N-Channel 25-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STN8205AAST8RG 데이터시트(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  STN8205AAST8RG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STN8205AAST8RG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STN8205AAST8RG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STN8205AAST8RG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STN8205AAST8RG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STN8205AAST8RG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STN8205AAST8RG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STN8205AAST8RG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes:
a. For design aid only; not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.5
1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 200
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 25 V, VGS = 0 V
1
µA
VDS = 25 V, VGS = 0 V, TJ = 70 °C
25
On-State Drain Currentb
ID(on)
VDS ≤ 5 V, VGS = 4.5 V
30
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = 4.5 V, ID = 6.5 A
0.022
0.027
Ω
VGS = 2.5 V, ID = 5.5 A
0.032
0.040
Forward Transconductanceb
gfs
VDS = 10 V, ID = 6.5 A
30
S
Diode Forward Voltageb
VSD
IS = 1.5 A, VGS = 0 V
0.71
1.2
V
Dynamica
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 6.5 A
12
18
nC
Gate-Source Charge
Qgs
2.2
Gate-Drain Charge
Qgd
3.6
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 4.5 V, RG = 6 Ω
245
365
ns
Rise Time
tr
330
495
Turn-Off Delay Time
td(off)
860
1300
Fall Time
tf
510
765
Gate-Current vs. Gate-Source Voltage
0
2
4
6
8
10
0
3
6
9
12
15
18
VGS - Gate-to-Source Voltage (V)
Gate Current vs. Gate-Source Voltage
0369
12
15
0.01
100
10000
TJ = 25 °C
0.1
1
10
1000
VGS - Gate-to-Source Voltage (V)
TJ = 150 °C
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STN8205AAST8RG
2


유사한 부품 번호 - STN8205AAST8RG

제조업체부품명데이터시트상세설명
logo
Stanson Technology
STN8205AAST8RG STANSON-STN8205AAST8RG Datasheet
167Kb / 7P
   Dual N Channel Enhancement Mode MOSFET
More results

유사한 설명 - STN8205AAST8RG

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY Datasheet
176Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
Rev. C, 04-May-09
SI4228DY VISHAY-SI4228DY Datasheet
281Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
logo
VBsemi Electronics Co.,...
8822 VBSEMI-8822 Datasheet
974Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
8205 VBSEMI-8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
PJ8205 VBSEMI-PJ8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Telefunken
SI4228DY TFUNK-SI4228DY Datasheet
284Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SM8205AOC-TRL VBSEMI-SM8205AOC-TRL Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
SI6926ADQ-T1-GE3 VBSEMI-SI6926ADQ-T1-GE3 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
UPA1852GR-9JG-A VBSEMI-UPA1852GR-9JG-A Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY_V01 Datasheet
175Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
01-Jan-2022
SI1904EDH VISHAY-SI1904EDH Datasheet
49Kb / 5P
   DUAL N-CHANNEL 25-V (D-S) MOSFET
Rev. B, 21-May-01
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com